Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 13Page - Cirrus Logic CS42432 Datasheet HTML 14Page - Cirrus Logic CS42432 Datasheet HTML 15Page - Cirrus Logic CS42432 Datasheet HTML 16Page - Cirrus Logic CS42432 Datasheet HTML 17Page - Cirrus Logic CS42432 Datasheet HTML 18Page - Cirrus Logic CS42432 Datasheet HTML 19Page - Cirrus Logic CS42432 Datasheet HTML 20Page - Cirrus Logic CS42432 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
DS673PP2
17
All Speed Modes
Interchannel Isolation
(1 kHz)
-
100
-
-
100
-
dB
Analog Output
Full Scale Output
1.235•VA
1.300•VA
1.365•VA 0.618•VA 0.650•VA 0.683•VA
Vpp
Interchannel Gain Mismatch
-
0.1
0.25
-
0.1
0.25
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
Output Impedance
-
100
-
-
100
-
Ω
DC Current draw from an AOUT pin
(Note 10)
--
10
-
-
10
µA
AC-Load Resistance (RL)
(Note 12)
3-
-
3
-
-
k
Ω
Load Capacitance (CL)
(Note 12)
-
-
100
-
-
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com