Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 34Page - Cirrus Logic CS42432 Datasheet HTML 35Page - Cirrus Logic CS42432 Datasheet HTML 36Page - Cirrus Logic CS42432 Datasheet HTML 37Page - Cirrus Logic CS42432 Datasheet HTML 38Page - Cirrus Logic CS42432 Datasheet HTML 39Page - Cirrus Logic CS42432 Datasheet HTML 40Page - Cirrus Logic CS42432 Datasheet HTML 41Page - Cirrus Logic CS42432 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
38
DS673PP2
6
REGISTER QUICK REFERENCE
Software Mode register defaults are as shown. NOTE: The default value in all “Reserved” registers must
be preserved.
Addr Function
7
6
5
4
3
2
1
0
01h
ID
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID3
Rev_ID2
Rev_ID1
Rev_ID0
p40
default
00
0
0
0
0
0
1
02h
Power Con-
trol
Reserved
PDN_ADC2
PDN_ADC1
Reserved
PDN_DAC3
PDN_DAC2
PDN_DAC1
PDN
p41
default
00
0
0
0
0
0
0
03h
Functional
Mode
Reserved
Reserved
Reserved
Reserved
MFreq2
MFreq1
MFreq0
Reserved
p42
default
11
1
1
0
0
0
0
04h
Misc Control
FREEZE
AUX_DIF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
p42
default
00
1
1
0
1
1
0
05h
ADC Control
(w/DAC_DEM)
ADC1-2_HPF
FREEZE
Reserved
DAC_DEM
ADC1
SINGLE
ADC2
SINGLE
Reserved
Reserved
Reserved
p43
default
00
0
0
0
0
0
0
06h
Transition
Control
DAC_SNG
VOL
DAC_SZC1
DAC_SZC0
AMUTE
MUTE
ADC_SP
ADC_SNG
VOL
ADC_SZC1
ADC_SZC0
p44
default
00
0
1
0
0
0
0
07h
Channel
Mute
Reserved
Reserved
AOUT6
MUTE
AOUT5
MUTE
AOUT4
MUTE
AOUT3
MUTE
AOUT2
MUTE
AOUT1
MUTE
p45
default
0
0
0
0
0
0
0
0
08h
Vol. Control
AOUT1
AOUT1
VOL7
AOUT1
VOL6
AOUT1
VOL5
AOUT1
VOL4
AOUT1
VOL3
AOUT1
VOL2
AOUT1
VOL1
AOUT1
VOL0
p45
default
00
0
0
0
0
0
0
09h
Vol. Control
AOUT2
AOUT2
VOL7
AOUT2
VOL6
AOUT2
VOL5
AOUT2
VOL4
AOUT2
VOL3
AOUT2
VOL2
AOUT2
VOL1
AOUT2
VOL0
p45
default
00
0
0
0
0
0
0
0Ah
Vol. Control
AOUT3
AOUT3
VOL7
AOUT3
VOL6
AOUT3
VOL5
AOUT3
VOL4
AOUT3
VOL3
AOUT3
VOL2
AOUT3
VOL1
AOUT3
VOL0
p45
default
00
0
0
0
0
0
0
0Bh
Vol. Control
AOUT4
AOUT4
VOL7
AOUT4
VOL6
AOUT4
VOL5
AOUT4
VOL4
AOUT4
VOL3
AOUT4
VOL2
AOUT4
VOL1
AOUT4
VOL0
p45
default
00
0
0
0
0
0
0
0Ch
Vol. Control
AOUT5
AOUT5
VOL7
AOUT5
VOL6
AOUT5
VOL5
AOUT5
VOL4
AOUT5
VOL3
AOUT5
VOL2
AOUT5
VOL1
AOUT5
VOL0
p45
default
00
0
0
0
0
0
0
0Dh
Vol. Control
AOUT6
AOUT6
VOL7
AOUT6
VOL6
AOUT6
VOL5
AOUT6
VOL4
AOUT6
VOL3
AOUT6
VOL2
AOUT6
VOL1
AOUT6
VOL0
p45
default
00
0
0
0
0
0
0
0Eh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
00
0
0
0
0
0
0
0Fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
00
0
0
0
0
0
0
10h
DAC Chan-
nel Invert
Reserved
Reserved
INV_AOUT6 INV_AOUT5 INV_AOUT4 INV_AOUT3 INV_AOUT2
INV_AOUT1
p46
default
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com