Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 30Page - Cirrus Logic CS42432 Datasheet HTML 31Page - Cirrus Logic CS42432 Datasheet HTML 32Page - Cirrus Logic CS42432 Datasheet HTML 33Page - Cirrus Logic CS42432 Datasheet HTML 34Page - Cirrus Logic CS42432 Datasheet HTML 35Page - Cirrus Logic CS42432 Datasheet HTML 36Page - Cirrus Logic CS42432 Datasheet HTML 37Page - Cirrus Logic CS42432 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
34
DS673PP2
5.7
Control Port Description and Timing
The control port is used to access the registers, in software mode, allowing the CS42432 to be configured
for the desired operational modes and formats. The operation of the control port may be completely asyn-
chronous with respect to the audio sample rates. However, to avoid potential interference problems, the
control port pins should remain static if no operation is required.
The control port has 2 modes: SPI and I²C, with the CS42432 acting as a slave device. SPI mode is se-
lected if there is a high to low transition on the AD0/CS pin, after the RST pin has been brought high. I²C
mode is selected by connecting the AD0/CS pin through a resistor to VLC or DGND, thereby permanently
selecting the desired AD0 bit address state.
5.7.1 SPI Mode
In SPI mode, CS is the CS42432 chip select signal, CCLK is the control port bit clock (input into
the CS42432 from the microcontroller), CDIN is the input data line from the microcontroller, CD-
OUT is the output data line to the microcontroller. Data is clocked in on the rising edge of CCLK
and out on the falling edge.
Figure 16 shows the operation of the control port in SPI mode. To write to a register, bring CS
low. The first seven bits on CDIN form the chip address and must be 1001111. The eighth bit is
a read/write indicator (R/W), which should be low to write. The next eight bits form the Memory
Address Pointer (MAP), which is set to the address of the register that is to be updated. The next
eight bits are the data which will be placed into the register designated by the MAP. During
writes, the CDOUT output stays in the Hi-Z state. It may be externally pulled high or low with a
47 k
Ω resistor, if desired.
There is a MAP auto increment capability, enabled by the INCR bit in the MAP register. If INCR
is a zero, the MAP will stay constant for successive read or writes. If INCR is set to a 1, the MAP
will autoincrement after each byte is read or written, allowing block reads or writes of successive
registers.
To read a register, the MAP has to be set to the correct address by executing a partial write cycle
which finishes (CS high) immediately after the MAP byte. The MAP auto increment bit (INCR)
may be set or not, as desired. To begin a read, bring CS low, send out the chip address and set
the read/write bit (R/W) high. The next falling edge of CCLK will clock out the MSB of the ad-
MA P
MSB
LSB
DATA
by te 1
by te n
R/W
R/W
AD D R ES S
CH IP
ADDRESS
CHIP
CD IN
CC L K
CS
CD OU T
MSB
LSB MSB
LSB
1001111
1001111
MAP = Memory Address Pointer, 8 bits, MSB first
High Impedance
Figure 16. Control Port Timing in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com