Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 5Page - Cirrus Logic CS42432 Datasheet HTML 6Page - Cirrus Logic CS42432 Datasheet HTML 7Page - Cirrus Logic CS42432 Datasheet HTML 8Page - Cirrus Logic CS42432 Datasheet HTML 9Page - Cirrus Logic CS42432 Datasheet HTML 10Page - Cirrus Logic CS42432 Datasheet HTML 11Page - Cirrus Logic CS42432 Datasheet HTML 12Page - Cirrus Logic CS42432 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
DS673PP2
9
AOUT1 +,-
AOUT2 +,-
AOUT3 +,-
AOUT4 +,-
AOUT5 +,-
AOUT6 +,-
20,19
21,22
24,23
25,26
28,27
29,30
Differential Analog Output (Output) - The full-scale differential analog output level is specified in
the Analog Characteristics specification table. Each positive leg of the differential outputs may also
be used single-ended.
N.C.
31,32
33,34
49,50
51,52
Not Connected - Do not connect.
AGND
35,48 Analog Ground (Input) -
VQ
36
Quiescent Voltage (Output) - Filter connection for internal quiescent reference voltage.
VA
37,46 Analog Power (Input) - Positive power supply for the analog section.
AIN1 +,-
AIN2 +,-
AIN3 +,-
AIN4 +,-
39,38
41,40
43,42
45,44
Differential Analog Input (Input) - Signals are presented differentially to the delta-sigma modula-
tors. The full-scale input level is specified in the Analog Characteristics specification table.
FILT+
47
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling cir-
cuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com