Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 3 Page - Cirrus Logic

  CS42432 Datasheet HTML 1Page - Cirrus Logic CS42432 Datasheet HTML 2Page - Cirrus Logic CS42432 Datasheet HTML 3Page - Cirrus Logic CS42432 Datasheet HTML 4Page - Cirrus Logic CS42432 Datasheet HTML 5Page - Cirrus Logic CS42432 Datasheet HTML 6Page - Cirrus Logic CS42432 Datasheet HTML 7Page - Cirrus Logic CS42432 Datasheet HTML 8Page - Cirrus Logic CS42432 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
DS673PP2
3
7.6 ADC Control & DAC De-emphasis (address 05h) ............................................................ 43
7.7 Transition Control (address 06h) ...................................................................................... 44
7.8 DAC Channel Mute (address 07h) ................................................................................... 45
7.9 AOUTX Volume Control (addresses 08h-0D)
............................................................... 45
7.10 DAC Channel Invert (address 10h) ................................................................................ 46
7.11 AINX Volume Control (address 11h-14h) ....................................................................... 46
7.12 ADC Channel Invert (address 17h) ................................................................................ 47
7.13 Status (address 19h) (Read Only) ................................................................................. 47
7.14 Status Mask (address 1Ah) ............................................................................................ 47
8 APPENDIX A: EXTERNAL FILTERS ...................................................................................... 49
8.1 ADC Input Filter ............................................................................................................... 49
8.1.1 Passive Input Filter ............................................................................................. 50
8.1.2 Passive Input Filter w/Attenuation ....................................................................... 50
8.2 DAC Output Filter ............................................................................................................ 51
9 APPENDIX B: ADC FILTER PLOTS ....................................................................................... 52
10 APPENDIX C: DAC FILTER PLOTS ..................................................................................... 54
11 PARAMETER DEFINITIONS ................................................................................................. 56
12 REFERENCES ....................................................................................................................... 57
13 PACKAGE INFORMATION ................................................................................................... 58
13.1 Thermal Characteristics ................................................................................................ 58
14 ORDERING INFORMATION ................................................................................................. 59
15 REVISION HISTORY ............................................................................................................. 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com