Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 2Page - Cirrus Logic CS42432 Datasheet HTML 3Page - Cirrus Logic CS42432 Datasheet HTML 4Page - Cirrus Logic CS42432 Datasheet HTML 5Page - Cirrus Logic CS42432 Datasheet HTML 6Page - Cirrus Logic CS42432 Datasheet HTML 7Page - Cirrus Logic CS42432 Datasheet HTML 8Page - Cirrus Logic CS42432 Datasheet HTML 9Page - Cirrus Logic CS42432 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
DS673PP2
1
PIN DESCRIPTION - SOFTWARE MODE
Pin Name
#
Pin Description
SCL/CCLK
1
Serial Control Port Clock (Input) - Serial clock for the control port interface.
SDA/CDOUT
2
Serial Control Data I/O
(Input/Output) - Input/Output for I2C data. Output for SPI data.
AD0/CS
3
Address Bit [0]/ Chip Select (Input) - Chip address bit in I2C Mode. Control signal used to select
the chip in SPI mode.
AD1/CDIN
4
Address Bit [1]/ SPI Data Input (Input) - Chip address bit in I2C Mode. Input for SPI data.
RST
5
Reset (Input) - The device enters a low power mode and all internal registers are reset to their
default settings when low.
VLC
6
Control Port Power (Input) - Determines the required signal level for the control port interface.
See “Digital I/O Pin Characteristics” on page 7.
FS
7
Frame Sync (Input) - Signals the start of a new TDM frame in the TDM digital interface format.
VD
8
Digital Power (Input) - Positive power supply for the digital section.
DGND
9,18
Digital Ground (Input) -
VLS
10
Serial Port Interface Power (Input) - Determines the required signal level for the serial port inter-
faces. See “Digital I/O Pin Characteristics” on page 7.
SCLK
11
Serial Clock (Input) - Serial clock for the serial audio interface. Input frequency must be 256xFs.
MCLK
12
Master Clock (Input) - Clock source for the delta-sigma modulators and digital filters.
ADC_SDOUT
13
Serial Audio Data Output (Output) - TDM output for two’s complement serial audio data.
DAC_SDIN
14
DAC Serial Audio Data Input (Input) - TDM Input for two’s complement serial audio data.
AUX_LRCK
15
Auxiliary Left/Right Clock (Output) - Determines which channel, Left or Right, is currently active
on the Auxiliary serial audio data line.
6
2
4
8
10
1
3
5
7
9
11
12
14 15 1 6 17 18 1 9 20 21 22 23 24 25
33
37
35
31
29
38
36
34
32
30
28
27
52 51 5 0 49 48 4 7 46 45 44 43 42 41
VLS
FS
MCLK
VLC
N.C.
AOUT5+
AGND
VA
ADC_SDOUT
RST
AOUT6+
DGND
VD
SCLK
VQ
AOUT6-
13
26
39
AOUT5-
40
N.C.
N.C.
N.C.
AIN1+
AIN1-
SCL/CCLK
AD1/CDIN
AD0/CS
SDA/CDOUT
CS42432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com