Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 28Page - Cirrus Logic CS42432 Datasheet HTML 29Page - Cirrus Logic CS42432 Datasheet HTML 30Page - Cirrus Logic CS42432 Datasheet HTML 31Page - Cirrus Logic CS42432 Datasheet HTML 32Page - Cirrus Logic CS42432 Datasheet HTML 33Page - Cirrus Logic CS42432 Datasheet HTML 34Page - Cirrus Logic CS42432 Datasheet HTML 35Page - Cirrus Logic CS42432 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
32
DS673PP2
FS is sampled as valid on the rising SCLK edge preceding the most significant bit of the first data
sample and must be held valid for at least 1 SCLK period.
NOTE: The ADC does not meet the timing requirements for proper operation in Quad-Speed
Mode.
5.5.2 I/O Channel Allocation
Digital
Input/Output
Interface
Format
Analog Output/Input Channel Allocation
from/to Digital I/O
DAC_SDIN
TDM
AOUT 1,2,3,4,5,6
ADC_SDOUT
TDM
AIN 1,2,3,4 (2 additional channels from AUX_SDIN)
Table 4. Serial Audio Interface Channel Allocations
SCLK
FS
256 clks
Bit or Word Wide
AOUT6
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
DAC_SDIN
AOUT1
AOUT4
AOUT2
AOUT5
AOUT3
32 clks
32 clks
32 clks
32 clks
32 clks
32 clks
-
LSB
MSB
LSB
MSB
-
32 clks
32 clks
MSB
LSB
-
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
ADC_SDOUT
AIN1
AIN4
AIN2
-
AIN3
32 clks
32 clks
32 clks
32 clks
32 clks
32 clks
AUX2
LSB
MSB
LSB
MSB
AUX1
32 clks
32 clks
MSB
Figure 13. TDM Serial Audio Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com