Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 40Page - Cirrus Logic CS42432 Datasheet HTML 41Page - Cirrus Logic CS42432 Datasheet HTML 42Page - Cirrus Logic CS42432 Datasheet HTML 43Page - Cirrus Logic CS42432 Datasheet HTML 44Page - Cirrus Logic CS42432 Datasheet HTML 45Page - Cirrus Logic CS42432 Datasheet HTML 46Page - Cirrus Logic CS42432 Datasheet HTML 47Page - Cirrus Logic CS42432 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
44
DS673PP2
7.7
TRANSITION CONTROL (ADDRESS 06H)
7.7.1
SINGLE VOLUME CONTROL (DAC_SNGVOL, ADC_SNGVOL)
Default = 0
Function:
The individual channel volume levels are independently controlled by their respective Volume Control
registers when this function is disabled. When enabled, the volume on all channels is determined by
the AOUT1 and AIN1 Volume Control register and the other Volume Control registers are ignored.
7.7.2
SOFT RAMP AND ZERO CROSS CONTROL (ADC_SZC[1:0], DAC_SZC[1:0])
Default = 00
00 - Immediate Change
01 - Zero Cross
10 - Soft Ramp
11 - Soft Ramp on Zero Crossings
Function:
Immediate Change
When Immediate Change is selected all volume level changes will take effect immediately in one step.
Zero Cross
Zero Cross Enable dictates that signal level changes, either by gain changes, attenuation changes or
muting, will occur on a signal zero crossing to minimize audible artifacts. The requested level change
will occur after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz
sample rate) if the signal does not encounter a zero crossing. The zero cross function is independent-
ly monitored and implemented for each channel.
Soft Ramp
Soft Ramp allows level changes, either by gain changes, attenuation changes or muting, to be imple-
mented by incrementally ramping, in 1/8 dB steps, from the current level to the new level at a rate of
1 dB per 8 left/right clock periods.
Soft Ramp on Zero Crossing
Soft Ramp and Zero Cross Enable dictates that signal level changes, either by gain changes, atten-
uation changes or muting, will occur in 1/8 dB steps and be implemented on a signal zero crossing.
The 1/8 dB level change will occur after a timeout period between 512 and 1024 sample periods (10.7
ms to 21.3 ms at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero cross
function is independently monitored and implemented for each channel.
7.7.3
AUTO-MUTE (AMUTE)
Default = 1
0 - Disabled
1 - Enabled
Function:
7
654
32
10
DAC_SNGVOL
DAC_SZC1
DAC_SZC0
AMUTE
MUTE ADC_SP ADC_SNGVOL
ADC_SZC1
ADC_SZC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com