Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 14Page - Cirrus Logic CS42432 Datasheet HTML 15Page - Cirrus Logic CS42432 Datasheet HTML 16Page - Cirrus Logic CS42432 Datasheet HTML 17Page - Cirrus Logic CS42432 Datasheet HTML 18Page - Cirrus Logic CS42432 Datasheet HTML 19Page - Cirrus Logic CS42432 Datasheet HTML 20Page - Cirrus Logic CS42432 Datasheet HTML 21Page - Cirrus Logic CS42432 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
18
DS673PP2
ANALOG OUTPUT CHARACTERISTICS (CS42432-DMZ)
(Test Conditions (unless otherwise specified): VLS = VLC = VD = 3.3 V,VA = 5 V; Measurement Bandwidth is
10 Hz to 20 kHz unless otherwise specified; Full scale 997 Hz output sine wave (see Note 11); Single-ended test
load: RL = 3 kΩ, CL = 10 pF.)
Parameter
Differential
Min
Typ
Max
Single-Ended
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48 kHz
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
100
97
-
-
108
105
99
96
-
-
-
-
97
94
-
-
105
102
96
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-98
-85
-45
-93
-76
-36
-90
-
-
-
-
-
-
-
-
-
-
-
-95
-82
-42
-90
-73
-33
-87
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Double-Speed Mode
Fs = 96 kHz
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
100
97
-
-
108
105
99
96
-
-
-
-
97
94
-
-
105
102
96
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-98
-85
-45
-93
-76
-36
-90
-
-
-
-
-
-
-
-
-
-
-
-95
-82
-42
-90
-73
-33
-87
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Quad-Speed Mode
Fs = 192 kHz
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
100
97
-
-
108
105
99
96
-
-
-
-
97
94
-
-
105
102
96
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-98
-85
-45
-93
-76
-36
-90
-
-
-
-
-
-
-
-
-
-
-
-95
-82
-42
-90
-73
-33
-87
-
-
-
-
-
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com