Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 42Page - Cirrus Logic CS44800 Datasheet HTML 43Page - Cirrus Logic CS44800 Datasheet HTML 44Page - Cirrus Logic CS44800 Datasheet HTML 45Page - Cirrus Logic CS44800 Datasheet HTML 46Page - Cirrus Logic CS44800 Datasheet HTML 47Page - Cirrus Logic CS44800 Datasheet HTML 48Page - Cirrus Logic CS44800 Datasheet HTML 49Page - Cirrus Logic CS44800 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
11h
Channel Vol.
Con-
trol 1-Fraction
CHB2_FVOL1
CHB2_FVOL0
CHA2_FVOL1
CHA2_FVOL0
CHB1_FVOL1
CHB1_FVOL0
CHA1_FVOL1
CHA1_FVOL0
page 58.
default
0
0
0
0
0
0
0
0
12h
Channel Vol.
Con-
trol 2-Fraction
CHB4_FVOL1
CHB4_FVOL0
CHA4_FVOL1
CHA4_FVOL0
CHB3_FVOL1
CHB3_FVOL0
CHA3_FVOL1
CHA3_FVOL0
page 58
default
0
0
0
0
0
0
0
0
13h
Channel Mute
CHB4_MUTE
CHA4_MUTE
CHB3_MUTE
CHA3_MUTE
CHB2_MUTE
CHA2_MUTE
CHB1_MUTE
CHA1_MUTE
page 59
default
0
0
0
0
0
0
0
0
14h
Channel Invert
CHB4_INV
CHA4_INV
CHB3_INV
CHA3_INV
CHB2_INV
CHA2_INV
CHB1_INV
CHA1_INV
page 59
default
0
0
0
0
0
0
0
0
15h
Peak Limiter
Control
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
LIMIT_ALL
LIMIT_EN
page 60
default
0
0
0
0
0
0
0
0
16h
Limiter Attack Rate
ARATE7
ARATE6
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0
page 60
default
0
0
0
1
0
0
0
0
17h
Limiter Release Rate
RRATE7
RRATE6
RRATE5
RRATE4
RRATE3
RRATE2
RRATE1
RRATE0
page 61
default
0
0
1
0
0
0
0
0
18h
Chnl A1 Comp.
Filter - Coarse Adj
RESERVED
RESERVED
CHA1_CORS5
CHA1_CORS4
CHA1_CORS3
CHA1_CORS2
CHA1_CORS1
CHA1_CORS0
page 61
default
0
0
0
0
0
0
0
0
19h
Chnl A1 Comp.
Filter - Fine Adj
RESERVED
RESERVED
CHA1_FINE5
CHA1_FINE4
CHA1_FINE3
CHA1_FINE2
CHA1_FINE1
CHA1_FINE0
page 62
default
0
0
0
0
0
0
0
0
1Ah
Chnl B1 Comp.
Filter - Coarse Adj
RESERVED
RESERVED
CHB1_CORS5
CHB1_CORS4
CHB1_CORS3
CHB1_CORS2
CHB1_CORS1
CHB1_CORS0
page 61
default
0
0
0
0
0
0
0
0
1Bh
Chnl B1 Comp.
Filter - Fine Adj
RESERVED
RESERVED
CHB1_FINE5
CHB1_FINE4
CHB1_FINE3
CHB1_FINE2
CHB1_FINE1
CHB1_FINE0
page 62
default
0
0
0
0
0
0
0
0
1Ch
Chnl A2 Comp.
Filter - Coarse Adj
RESERVED
RESERVED
CHA2_CORS5
CHA2_CORS4
CHA2_CORS3
CHA2_CORS2
CHA2_CORS1
CHA2_CORS0
page 61
default
0
0
0
0
0
0
0
0
1Dh
Chnl A2 Comp.
Filter - Fine Adj
RESERVED
RESERVED
CHA2_FINE5
CHA2_FINE4
CHA2_FINE3
CHA2_FINE2
CHA2_FINE1
CHA2_FINE0
page 62
default
0
0
0
0
0
0
0
0
1Eh
Chnl B2 Comp.
Filter - Coarse Adj
RESERVED
RESERVED
CHB2_CORS5
CHB2_CORS4
CHB2_CORS3
CHB2_CORS2
CHB2_CORS1
CHB2_CORS0
page 61
default
0
0
0
0
0
0
0
0
1Fh
Chnl B2 Comp.
Filter - Fine Adj
RESERVED
RESERVED
CHB2_FINE5
CHB2_FINE4
CHB2_FINE3
CHB2_FINE2
CHB2_FINE1
CHB2_FINE0
page 62
default
0
0
0
0
0
0
0
0
20h
Chnl A3 Comp.
Filter - Coarse Adj
RESERVED
RESERVED
CHA3_CORS5
CHA3_CORS4
CHA3_CORS3
CHA3_CORS2
CHA3_CORS1
CHA3_CORS0
page 61
default
0
0
0
0
0
0
0
0
Addr
Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com