Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 21Page - Cirrus Logic CS44800 Datasheet HTML 22Page - Cirrus Logic CS44800 Datasheet HTML 23Page - Cirrus Logic CS44800 Datasheet HTML 24Page - Cirrus Logic CS44800 Datasheet HTML 25Page - Cirrus Logic CS44800 Datasheet HTML 26Page - Cirrus Logic CS44800 Datasheet HTML 27Page - Cirrus Logic CS44800 Datasheet HTML 28Page - Cirrus Logic CS44800 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
DS632PP1
25
CS44800
4.3.1
FsIn Domain Clocking
Common DAI_MCLK frequencies and sample rates are shown in Table 1.
4.3.2
FsOut Domain Clocking
To ensure the highest quality conversion of PWM signals, the CS44800 is capable of operating from a
fundamental mode or 3rd overtone crystal, or a clock signal attached to XTI, at a frequency of 24.576 MHz
to 54 MHz. If XTI is being directly driven by a clock signal, XTO can be left floating or tied to ground
through a pull-down resistor and the internal oscillator should be powered down using the PDN_XTAL bit
in register 02h.
Mode
(sample-rate range)
Sample
Rate
(kHz)
DAI_MCLK (MHz)
DAI_MCLK/LRCK Ratio
−>
256x
384x
512x
768x
1024x
Single Speed
(4 to 50 kHz)
32
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
DAI_MCLK/LRCK Ratio
−>
128x
192x
256x
384x
512x
Double Speed
(50 to 100 kHz)
64
8.1920
12.2880
16.3840
24.5760
32.7680
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
96
12.2880
18.4320
24.5760
36.8640
49.1520
DAI_MCLK/LRCK Ratio
−>
64x
96x
128x
192x
256x
Quad Speed
(100 to 200 kHz)
176.4
n/a
n/a
22.5792
33.8688
45.1584
192
n/a
n/a
24.5760
36.8640
49.1520
Table 1. Common DAI_MCLK Frequencies
Y1
C1
C2
XTI
XTO
Figure 14. Fundamental Mode Crystal Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com