Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 34Page - Cirrus Logic CS44800 Datasheet HTML 35Page - Cirrus Logic CS44800 Datasheet HTML 36Page - Cirrus Logic CS44800 Datasheet HTML 37Page - Cirrus Logic CS44800 Datasheet HTML 38Page - Cirrus Logic CS44800 Datasheet HTML 39Page - Cirrus Logic CS44800 Datasheet HTML 40Page - Cirrus Logic CS44800 Datasheet HTML 41Page - Cirrus Logic CS44800 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
38
DS632PP1
CS44800
Receive acknowledge bit.
Receive byte, contents of selected register.
Send acknowledge bit.
Send stop condition.
Each byte is separated by an acknowledge bit.
4.6.3
GPIOs
The CS44800 GPIO pins will have the following features:
•
Data direction control.
•
Programmable open-drain or push-pull driver when configured as an output pin.
•
Maskable interrupt for GPIO[3:0] pins when set as a general purpose input.
•
Level-sensitive or edge-trigger event selector for all GPIO pins.
4.6.4
Host Interrupt
The CS44800 has a comprehensive interrupt capability. The INT output pin is intended to drive the inter-
rupt input pin on the host microcontroller. The INT pin may be set to be active low, active high or active
low with an open-drain driver. This last mode is used for active low, wired-OR hook-ups, with multiple pe-
ripherals connected to the microcontroller interrupt input pin.
Many conditions can cause an interrupt, as listed in the interrupt status register descriptions. See “Inter-
rupt Status (address 2Ah) (read only)” on page 64. Each source may be masked off through mask register
bits. In addition, each source may be set to rising edge, falling edge, or level sensitive. Combined with the
option of level sensitive or edge sensitive modes within the microcontroller, many different configurations
are possible, depending on the needs of the equipment designer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com