Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 57Page - Cirrus Logic CS44800 Datasheet HTML 58Page - Cirrus Logic CS44800 Datasheet HTML 59Page - Cirrus Logic CS44800 Datasheet HTML 60Page - Cirrus Logic CS44800 Datasheet HTML 61Page - Cirrus Logic CS44800 Datasheet HTML 62Page - Cirrus Logic CS44800 Datasheet HTML 63Page - Cirrus Logic CS44800 Datasheet HTML 64Page - Cirrus Logic CS44800 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
DS632PP1
61
CS44800
7.17
Limiter Release Rate (address 17h)
7.17.1
Release Rate (RRATE[7:0])
Default = 00100000
Function:
The limiter release rate is user selectable. The effective rate is a function of the SRC output sampling fre-
quency and the value in the Release Rate register. Rates are calculated using the function
RATE = (512/{value})/SRC Fs, where {value} is the decimal value in the Release Rate register and SRC
Fs is the output sample rate of the SRC which is determined by the PWM master clock frequency. SRC
Fs equals 384 kHz for 24.576 MHz based clocks and 421.875 kHz for 27.000 MHz based clocks.
Note: A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter.
Use the LIM_EN bit to disable the limiter function (see Peak Limiter Control Register (address 15h)).
7.18
Chnl XX Load Compensation Filter - Coarse Adjust
(addresses 18h, 1Ah, 1Ch, 1Eh, 20h, 22h, 24h, 26h)
7.18.1
Channel Compensation Filter - Coarse Adjust (CHXX_CORS[5:0])
Default = 000000
Function:
The Channel Load Compensation Filter Coarse Adjustment settings control the amount of attenuation of
this single-pole filter and are used in conjunction with the Fine Adjustment bits to compensate for speaker
impedance load variations. Each PWM channel is controlled by an associated register. The coarse ad-
justment bits will attenuate the audio response curve according to the table below in 0.1 dB increments.
Filter setting values less than -4.0 dB will cause the PWM output to mute.
Binary Code
Decimal Value
Attack Rate - 384 kHz
(
µs per 1/8 dB)
Attack Rate - 421.875 kHz
(
µs per 1/8 dB)
00000001
1
83.33
75.852
00010100
20
4.167
3.793
00101000
40
2.083
1.896
00111100
60
1.389
1.264
01011010
90
0.926
0.843
Table 10. Limiter Attack Rate Settings
765
43
21
0
RRATE7
RRATE6
RRATE5
RRATE4
RRATE3
RRATE2
RRATE1
RRATE0
Binary Code
Decimal Value
Release Rate - 384 kHz
(
µs per 1/8 dB)
Release Rate - 421.875 kHz
(
µs per 1/8 dB)
00000001
1
1333.333
1213.630
00010100
20
66.667
60.681
00101000
40
33.333
30.341
00111100
60
22.222
20.227
01011010
90
14.815
13.485
Table 11. Limiter Release Rate Settings
765
43
21
0
RESERVED
RESERVED
CHXX_CORS5
CHXX_CORS4
CHXX_CORS3
CHXX_CORS2
CHXX_CORS1
CHXX_CORS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com