Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 18Page - Cirrus Logic CS44800 Datasheet HTML 19Page - Cirrus Logic CS44800 Datasheet HTML 20Page - Cirrus Logic CS44800 Datasheet HTML 21Page - Cirrus Logic CS44800 Datasheet HTML 22Page - Cirrus Logic CS44800 Datasheet HTML 23Page - Cirrus Logic CS44800 Datasheet HTML 24Page - Cirrus Logic CS44800 Datasheet HTML 25Page - Cirrus Logic CS44800 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
22
DS632PP1
CS44800
GND
PSR_DATA
PSR_SYNC
PSR_MCLK
CS4461
ADC
Power Supply Rail
PSR_RESET
PSR_EN
PS_SYNC
Power Supply Sync Clock
Optional
PWMOUTA1+
PWMOUTA1-
PWMOUTB1+
PWMOUTB1-
PWMOUTA2+
PWMOUTA2-
PWMOUTB2+
PWMOUTB2-
GPIO2
GPIO3
Front Left
PWM IN1
PWM IN2
OUT1
OUT2
CONTROL
STATUS
PWM IN1
PWM IN2
OUT1
OUT2
CONTROL
STATUS
PWMOUTA3+
PWMOUTA3-
PWMOUTB3+
PWMOUTB3-
PWMOUTA4+
PWMOUTA4-
PWMOUTB4+
PWMOUTB4-
GPIO4
PWM IN1
PWM IN2
OUT1
OUT2
CONTROL
STATUS
PWM IN1
PWM IN2
OUT1
OUT2
CONTROL
STATUS
GPIO5
Front Right
Surr. Left
Surr. Right
Center
Subwoofer
Rear Left
Rear Right
GPIO0
GPIO1
VD
VLC
0.1 µF
+2.5 V
to +5.0 V
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RST
Note: Resistors are required for
I²C control port operation
See
Note
DAI_SDIN1
DAI_SDIN3
DAI_SDIN2
DAI_LRCK
DAI_SCLK
AD0/CS
INT
Digital
Audio
Processor
Micro-
Controller
DAI_MCLK
VD
SYS_CLK
MUTE
VDX
XTAL
24.576 MHz
to 54 MHz
XTI
XTO
VLS
+2.5 V
+
10 µF
0.1 µF
0.1 µF
0.01 µF
0.01 µF
+3.3 V to
+5.0 V
0.1 µF
0.01 µF
+2.5 V to
+5.0 V
0.1 µF
0.01 µF
+3.3 V to +5.0 V
VDP
10 µF
Figure 12. Typical Half-Bridge Connection Diagram
CS44800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com