Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 69Page - Cirrus Logic CS44800 Datasheet HTML 70Page - Cirrus Logic CS44800 Datasheet HTML 71Page - Cirrus Logic CS44800 Datasheet HTML 72Page - Cirrus Logic CS44800 Datasheet HTML 73Page - Cirrus Logic CS44800 Datasheet HTML 74Page - Cirrus Logic CS44800 Datasheet HTML 75Page - Cirrus Logic CS44800 Datasheet HTML 76Page - Cirrus Logic CS44800 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
DS632PP1
73
CS44800
7.32.2
Power Supply Rejection Reset (PSR_RESET)
Default = 0
0 - force reset condition
1 - remove reset condition
Function:
This bit is used to assert a reset condition to the on-card PSR components. When set to a ‘0’b, the
PSR_RESET signal will be asserted low. The reset condition will continue as long as this bit is set to a
‘0’b. This bit must be set to a ‘1’b for proper PSR operation.
7.32.3
Power Supply Rejection Feedback Enable (FEEDBACK_EN)
Default = 0
0 - disable
1 - enable
Function:
Enables the internal power supply rejection feedback logic.
7.32.4
Power Supply Sync Clock Divider Settings (PS_SYNC_DIV[2:0])
Default = 000
Function:
These three bits determine the divider for the XTAL clock signal for generating the PS_SYNC clock signal.
7.33
Decimator Shift/Scale (addresses 35h, 36h, 37h)
7.33.1
Decimator Shift (DEC_SHIFT[2:0])
Default = 010
Function:
These bits are used to scale the power supply reading (Decimator Outd (addresses 3Bh, 3Ch, 3Dh)) dur-
ing
the
PSR
feedback
calibration
sequence.
The
combination
of
shift
and
scale
factors
(DEC_SCALE[18:0]*2^(DEC_SHIFT[2:0])) can be viewed as a floating point coefficient. The floating point
coefficient will be determined during the PSR feedback calibration sequence. See Decimator Scale
(DEC_SCALE[18:0]) register description and “Recommended PSR Calibration Sequence” on page 44.
PS_SYNC_DIV[2:0]
PS_SYNC Clock Divider
000
Output Disabled
001
Divide by 32
010
Divide by 64
011
Divide by 128
100
Divide by 256
101
Divide by 512
110
Divide by 1024
Table 17. Power Supply Sync Clock Divider Settings
765
43
21
0
RESERVED
DEC_SHIFT2
DEC_SHIFT1
DEC_SHIFT0
RESERVED
DEC_SCALE18 DEC_SCALE17 DEC_SCALE16
765
43
21
0
DEC_SCALE15 DEC_SCALE14 DEC_SCALE13 DEC_SCALE12 DEC_SCALE11 DEC_SCALE10 DEC_SCALE09 DEC_SCALE08
765
43
21
0
DEC_SCALE07 DEC_SCALE06 DEC_SCALE05 DEC_SCALE04 DEC_SCALE03 DEC_SCALE02 DEC_SCALE01 DEC_SCALE00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com