Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 11Page - Cirrus Logic CS44800 Datasheet HTML 12Page - Cirrus Logic CS44800 Datasheet HTML 13Page - Cirrus Logic CS44800 Datasheet HTML 14Page - Cirrus Logic CS44800 Datasheet HTML 15Page - Cirrus Logic CS44800 Datasheet HTML 16Page - Cirrus Logic CS44800 Datasheet HTML 17Page - Cirrus Logic CS44800 Datasheet HTML 18Page - Cirrus Logic CS44800 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 81 page
background image
DS632PP1
15
CS44800
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI FORMAT
(VD = 2.5 V, VDP = VLS = 3.3 V; VLC = 2.5 V to 5.0 V; Inputs: Logic 0 = GND, Logic 1 = VLC, CL =30pF)
19. Data must be held for sufficient time to bridge the transition time of CCLK.
20. For fsck <1 MHz.
Parameter
Symbol
Min
Typ
Max
Units
CCLK Clock Frequency
fsck
0-
6.0
MHz
CS High Time between Transmissions
tcsh
1.0
-
-
µs
CS Falling to CCLK Edge
tcss
20
-
-
ns
CCLK Low Time
tscl
66
-
-
ns
CCLK High Time
tsch
66
-
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
-
ns
CCLK Rising to DATA Hold Time
(Note 19)
tdh
15
-
-
ns
CCLK Falling to CDOUT Stable
tpd
-
-
50
ns
Rise Time of CDOUT
tr1
-
-
25
ns
Fall Time of CDOUT
tf1
-
-
25
ns
Rise Time of CCLK and CDIN
(Note 20)
tr2
-
-
100
ns
Fall Time of CCLK and CDIN
(Note 20)
tf2
-
-
100
ns
t r2
t f2
t dsu
t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
t csh
Figure 9. Control Port Timing - SPI Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com