Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 2 Page - Cirrus Logic

  CS44800 Datasheet HTML 1Page - Cirrus Logic CS44800 Datasheet HTML 2Page - Cirrus Logic CS44800 Datasheet HTML 3Page - Cirrus Logic CS44800 Datasheet HTML 4Page - Cirrus Logic CS44800 Datasheet HTML 5Page - Cirrus Logic CS44800 Datasheet HTML 6Page - Cirrus Logic CS44800 Datasheet HTML 7Page - Cirrus Logic CS44800 Datasheet HTML 8Page - Cirrus Logic CS44800 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
2
DS632PP1
CS44800
General Description
The CS44800 is a multi-channel digital-to-PWM Class D audio system controller including interpolation, sample rate
conversion, half- and full-bridge PWM driver outputs, and power supply rejection feedback in a 64-pin LQFP pack-
age.The architecture uses a direct-to-digital approach that maintains digital signal integrity to the final output filter,
minimizing analog interference effects which negatively affect system performance.
The CS44800 integrates on-chip digital volume control, peak detect with limiter, de-emphasis, and 7 GPIO’s, allow-
ing easy interfacing to many commonly available power stages. The PWM amplifier can achieve greater than 90%
efficiency. This efficiency provides for smaller device package, less heat sink requirements, and smaller power
supplies.
The CS44800 is ideal for audio systems requiring wide dynamic range, negligible distortion and low noise, such as
A/V receivers, DVD receivers, digital speaker and automotive audio systems.
ORDERING INFORMATION
Product
Description
Package Pb-Free Temp Range Container
Order#
CS44800
8-Channel Digital Amplifier
Controller
LQFP
YES
-10° to +70°C
Rail
CS44800-CQZ
CS44800
8-Channel Digital Amplifier
Controller
LQFP
YES
-10° to +70°C
Tape and
Reel
CS44800-CQZR
CS44800
8-Channel Digital Amplifier
Controller
LQFP
YES
-40° to +85°C
Rail
CS44800-DQZ
CS44800
8-Channel Digital Amplifier
Controller
LQFP
YES
-40° to +85°C
Tape and
Reel
CS44800-DQZR
CDB44800
CS44600/800 Evaluation
Board
-
-
-
-
CDB44800
CRD44800
8x50 W Half-Bridge
Reference Design Board
-
-
-
-
CRD44800
CRD44800-ST-FB
8x60 W Full-Bridge
Reference Design Board
-
-
-
-
CRD44800-ST-FB
CRD44600-PH-FB
2x100 W Full-Bridge
Reference Design Board
-
-
-
-
CRD44600-PH-FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com