Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 25Page - Cirrus Logic CS44800 Datasheet HTML 26Page - Cirrus Logic CS44800 Datasheet HTML 27Page - Cirrus Logic CS44800 Datasheet HTML 28Page - Cirrus Logic CS44800 Datasheet HTML 29Page - Cirrus Logic CS44800 Datasheet HTML 30Page - Cirrus Logic CS44800 Datasheet HTML 31Page - Cirrus Logic CS44800 Datasheet HTML 32Page - Cirrus Logic CS44800 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
DS632PP1
29
CS44800
4.4.1.3
Right-Justified Data Format
In the right-justified format, data is received most significant bit first and with the least significant bit pre-
sented on the last DAI_SCLK before the DAI_LRCK transition and is valid on the rising edge of
DAI_SCLK. For the right-justified format, the left channel data is presented when DAI_LRCK is high and
the right channel data is presented when DAI_LRCK is low. Either 16 bits per sample or 24 bits per sam-
ple are supported.
4.4.1.4
One Line Mode #1
In One Line mode #1 format, data is received most significant bit first on the first DAI_SCLK after a
DAI_LRCK transition and is valid on the rising edge of DAI_SCLK. DAI_SCLK must operate at a 128Fs
rate. DAI_LRCK identifies the start of a new frame and is equal to the sample period. DAI_LRCK is sam-
pled as valid on the same clock edge as the most significant bit of the first data sample and must be held
high for 64 DAI_SCLK periods. Each time slot is 20 bits wide, with the valid data sample left-justified within
the time slot. Valid data lengths are 16, 18, or 20 bits. Valid samples rates for this mode are 32 kHz to
96 kHz.
Left Channel
Right Channel
654
32
10
98
7
15 1 4 13 12 11 10
654
321
0
98
7
15 14 13 12 11 10
DAI_SDINx
DAI_LRCK
DAI_SCLK
Figure 19. Right-Justified Serial Audio Formats
Right-Justified Mode, Data Valid on Rising Edge of DAI_SCLK
Bits/Sample
SCLK Rate(s)
16
32, 48, 64, 128, 256 Fs
24
48, 64, 128, 256 Fs
PWMOUTB3
DAI_LRCK
DAI_SCLK
LSB
MSB
20 clks
64 clks
64 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
20 clks
20 clks
20 clks
20 clks
20 clks
DAI_SDIN4
DAI_SDIN1
PWMOUTA1
PWMOUTB1
PWMOUTA2
PWMOUTB2
PWMOUTA3
LSB
MSB
20 clks
LSB
MSB
20 clks
PWMOUTA4
PWMOUTB4
MSB
Left Channels
Right Channels
Figure 20. One Line Mode #1 Serial Audio Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com