Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 45Page - Cirrus Logic CS44800 Datasheet HTML 46Page - Cirrus Logic CS44800 Datasheet HTML 47Page - Cirrus Logic CS44800 Datasheet HTML 48Page - Cirrus Logic CS44800 Datasheet HTML 49Page - Cirrus Logic CS44800 Datasheet HTML 50Page - Cirrus Logic CS44800 Datasheet HTML 51Page - Cirrus Logic CS44800 Datasheet HTML 52Page - Cirrus Logic CS44800 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
DS632PP1
49
CS44800
7. REGISTER DESCRIPTION
All registers are read/write except for I.D. and Revision Register, Interrupt Status and Decimator OutD registers
which are read only. See the following bit definition tables for bit assignment information. The default state of each
bit after a power-up sequence or reset is listed in each bit description.
7.1
Memory Address Pointer (MAP)
Not a register
7.1.1
Increment (INCR)
Default = 1
Function:
memory address pointer auto increment control
–
0 - MAP is not incremented automatically.
–
1 - Internal MAP is automatically incremented after each read or write.
7.1.2
Memory Address Pointer (MAPx)
Default = 0000001
Function:
Memory address pointer (MAP). Sets the register address that will be read or written by the control port.
7.2
CS44800 I.D. and Revision Register (address 01h) (Read Only)
7.2.1
Chip I.D. (Chip_IDx)
Default = 1100
Function:
I.D. code for the CS44800. Permanently set to 1100.
7.2.2
Chip Revision (Rev_IDx)
Default = 0001
Function:
CS44800 revision level. Revision A is coded as 0001.
765
43
21
0
INCR
MAP6
MAP5
MAP4
MAP3
MAP2
MAP1
MAP0
765
43
21
0
CHIP_ID3
CHIP_ID2
CHIP_ID1
CHIP_ID0
REV_ID3
REV_ID2
REV_ID1
REV_ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com