Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 73Page - Cirrus Logic CS44800 Datasheet HTML 74Page - Cirrus Logic CS44800 Datasheet HTML 75Page - Cirrus Logic CS44800 Datasheet HTML 76Page - Cirrus Logic CS44800 Datasheet HTML 77Page - Cirrus Logic CS44800 Datasheet HTML 78Page - Cirrus Logic CS44800 Datasheet HTML 79Page - Cirrus Logic CS44800 Datasheet HTML 80Page - Cirrus Logic CS44800 Datasheet HTML 81Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
80
DS632PP1
CS44800
12.REVISION HISTORY
Release
Date
Changes
A1
May 2004
1st Advance Release
A2
September 2004
Updated lead-free device ordering information
A3
October 2004
-Updated “Features” on page 1
-Updated “External Crystal operating frequency” on page 11
-Updated Figure 11. Typical Full-Bridge Connection Diagram on page 21
-Updated Figure 12. Typical Half-Bridge Connection Diagram on page 22
-Updated Section 4.2 "Feature Set Summary" on page 23
-Updated “FsOut Domain Clocking” on page 25
-Updated “Sample Rate Converter” on page 32
-Updated “PWM Engines” on page 33
-Updated Table 4, “Typical PWM Switch Rate Settings,” on page 34
-Updated Section 4.5.8 "Modulator" on page 34
-Updated Section 4.5.10 on page 35
-Updated Section 4.6.1 "SPI Mode" on page 36
-Updated Section 4.6.2 "I²C Mode" on page 37
-Updated Section 5. "Power Supply, Grounding, and PCB layout" on page 39
-Updated Section 5.1 "Reset and Power-Up" on page 42
-Updated Section 5.1.1 "PWM PopGuard® Transient Control" on page 42
-Updated Section 5.1.2 "Recommended Power-Up Sequence" on page 42
-Updated Section 5.1.3 "Recommended PSR Calibration Sequence" on page 43
-Updated Section 5.1.4 "Recommended Power-Down Sequence" on page 44
-Updated Section 6. "Register Quick Reference" on page 45
-Updated Section 7.5.2 "AM Frequency Hopping (AM_FREQ_HOP)" on page 52
-Updated Section 7.6 "Ramp Configuration (address 05h)" on page 53
-Updated Section 7.7.3 on page 54
-Corrected Table 7, “Master Fractional Volume Settings,” on page 57
-Corrected Table 9, “Channel Fractional Volume Settings,” on page 59
-Corrected Table 11, “Limiter Release Rate Settings,” on page 61
-Updated Table 7.18, “Chnl XX Load Compensation Filter - Coarse Adjust
(addresses 18h, 1Ah, 1Ch, 1Eh, 20h, 22h, 24h, 26h),” on page 61
-Updated Table 7.19, “Chnl XX Load Compensation Filter - Fine Adjust
(addresses 19h, 1Bh, 1Dh, 1Fh, 21h, 23h, 25h, 27h),” on page 62
-Updated Section 7.26 "GPIO Pin Level/Edge Trigger (address 2Eh)" on page 66
-Updated Section 7.29 "PWM Configuration Register (address 31h)" on page 67
PP1
May 2005
-Updated “Features” on page 1
-Updated “Ordering Information” on page 2
-Correcte “Power Supply Current” on page 9
-Corrected “High-Level Input Voltage” on page 9
-Corrected “Low-Level Input Voltage” on page 9
-Corrected “High-Level Output Voltage at Io = -2 mA” on page 9
-Corrected “Low-Level Output Voltage at Io = 2 mA” on page 9
-Corrected “Digital Filter Response (Note 12)” on page 11
-Updated Figure 11. Typical Full-Bridge Connection Diagram on page 21
-Updated Figure 12. Typical Half-Bridge Connection Diagram on page 22
-Corrected Figure 13 on page 24
-Updated Section 7.5.2 "AM Frequency Hopping (AM_FREQ_HOP)" on page 52
Table 19. Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com