Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 52Page - Cirrus Logic CS44800 Datasheet HTML 53Page - Cirrus Logic CS44800 Datasheet HTML 54Page - Cirrus Logic CS44800 Datasheet HTML 55Page - Cirrus Logic CS44800 Datasheet HTML 56Page - Cirrus Logic CS44800 Datasheet HTML 57Page - Cirrus Logic CS44800 Datasheet HTML 58Page - Cirrus Logic CS44800 Datasheet HTML 59Page - Cirrus Logic CS44800 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
56
DS632PP1
CS44800
7.8
Master Volume Control - Integer (address 07h)
7.8.1
Master Volume Control - Integer (MSTR_IVOL[7:0])
Default = 00000000
Function:
The Master Volume Control - Integer register allows global control of the signal levels on all channels in
1 dB increments from +24 to -127 dB. Volume settings are decoded as shown in Table 6. The volume
changes are implemented as specified by the Soft and Zero Cross bits (SZC[1:0]). All volume settings
greater than 00011000b are equivalent to +24 dB. Binary values for integer volume settings less than
0 dB are in two’s complement form.
7.9
Master Volume Control - Fraction (address 08h)
7.9.1
Master Volume Control - Fraction (MSTR_FVOL[1:0])
Default = 00
00 - +0.00 dB
01 - +0.25 dB
10 - +0.50 dB
11 - +0.75 dB
Function:
The Master Volume Control - Fraction register is an additional offset to the value in the Master Volume
Control - Integer register and allows global control of the signal levels on all channels in 0.25 dB incre-
ments. Volume settings are decoded as shown in Table 7. These volume changes are implemented as
specified by the Soft and Zero Cross bits (SZC[1:0]). All volume settings greater than 00011000b are
equivalent to +24 dB. Binary values for integer and fractional volume settings less than 0 dB are in two’s
complement form.
To calculate from a positive decimal integer:fraction value to a binary positive integer:fraction value, do
the following:
1. Convert the decimal integer to binary. This is MSTR_IVOL[7:0].
2. Select the bit representation of the desired 0.25 fractional increment. This is MSTR_FVOL[1:0].
To calculate from a negative decimal integer:fraction value to a binary, 2’s complement integer:fraction
value, do the following:
76
54
32
10
MSTR_IVOL7
MSTR_IVOL6
MSTR_IVOL5
MSTR_IVOL4
MSTR_IVOL3
MSTR_IVOL2
MSTR_IVOL1
MSTR_IVOL0
MSTR_IVOL[7:0]
Hex Value
Volume Setting
0001 1000
18
+24 dB
0001 0111
17
+23 dB
0000 0001
01
+1 dB
0000 0000
00
0 dB
1111 1111
FF
-1 dB
1111 1110
FE
-2 dB
1000 0001
81
-127 dB
Table 6. Master Integer Volume Settings
76
54
32
10
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
MSTR_FVOL1
MSTR_FVOL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com