Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 39Page - Cirrus Logic CS44800 Datasheet HTML 40Page - Cirrus Logic CS44800 Datasheet HTML 41Page - Cirrus Logic CS44800 Datasheet HTML 42Page - Cirrus Logic CS44800 Datasheet HTML 43Page - Cirrus Logic CS44800 Datasheet HTML 44Page - Cirrus Logic CS44800 Datasheet HTML 45Page - Cirrus Logic CS44800 Datasheet HTML 46Page - Cirrus Logic CS44800 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
DS632PP1
43
CS44800
6. When driving a single-ended (half-bridged) power output stage, set the RAMP[1:0] bits to ‘11’b and
the required ramp speed, to initiate a ramp cycle when the channel is powered on. Set
MIN_PULSE[4:0] to ‘00000’b.
7. Set the PDN bit to ‘0’b to take the CS44800 out of the power-down state.
8. Start all clocks on the DAI interface (DAI_MCLK, DAI_SCLK, DAI_LRCK). This will initiate the SRC to
begin the lock sequence. The SRC lock function can be configured to cause an interrupt condition
when lock has been completed. This will be indicated by an active INT signal.
9. Wait for the SRC to lock.
10. If using the PSR feedback, jump to “Recommended PSR Calibration Sequence” on page 44. When
finished, continue to step 12. If not using PSR feedback, continue to step 12.
11. Set the appropriate GPIO pin, or other control signal, to enable the power output stage.
12. Enable each channel’s PWM modulator by setting the PDN_PWMxx bit to ‘0’b. If full-bridged, go to
step 14. If single-ended (half-bridged), this will initiate a sequence which will slowly increase the DC
voltage, from 0V to Vpower÷2, across the AC coupling capacitor. This will eliminate the instantaneous
charge across the capacitor which would have caused an audible pop from the speaker.
13. Wait for the ramp-up sequence to complete. The ramp-up function can be configured to cause an
interrupt condition when the ramp period has completed. This will be indicated by an active INT signal.
Once the ramp-up sequence has completed, set the RAMP[1:0] bits to ‘01’b
14. For full-bridged power output stage configurations, the ramp-up sequence is not required. Enabling
the power output stage will not cause an audible pop from the speaker.
15. If using the PSR feedback, set the FEEDBACK_EN bit to ‘1’b.
16. Un-mute all active channels.
17. At this point, the CS44800 is ready to accept audio samples and begin playback.
5.1.3
Recommended PSR Calibration Sequence
1. Set the DEC_SHIFT[2:0]/DEC_SCALE[18:0] coefficient (CPSR) to decimal 1.0 (register 35h = 22h,
36h = 00h, 37h = 00h).
2. Set the PSR_RESET bit to ‘1’b.
3. Set the PSR_EN bit to ‘1’b.
4. Set the PSR_EN bit to ‘0’b.
5. Read DEC_OUTD[23:0].
6. See Figure 30 to adjust the DEC_SHIFT[2:0]/DEC_SCALE[18:0] registers.
7. Continue Recommended Power-Up Sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com