Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 4Page - Cirrus Logic CS44800 Datasheet HTML 5Page - Cirrus Logic CS44800 Datasheet HTML 6Page - Cirrus Logic CS44800 Datasheet HTML 7Page - Cirrus Logic CS44800 Datasheet HTML 8Page - Cirrus Logic CS44800 Datasheet HTML 9Page - Cirrus Logic CS44800 Datasheet HTML 10Page - Cirrus Logic CS44800 Datasheet HTML 11Page - Cirrus Logic CS44800 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
8
DS632PP1
CS44800
1. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V, all voltages with respect to ground)
Notes:
1.
When using external crystal, VDX = 3.14 V(min). When using clock signal input, VDX = 2.37 V(min).
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
2.
Any pin except supplies. Transient currents of up to ±100 mA on the input pins will not cause SCR latch-up.
3.
The maximum over/under voltage is limited by the input current.
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supply
Digital
2.5 V
VD
2.37
2.5
2.63
V
XTAL (Note 1)
2.5 V
3.3 V
5.0 V
VDX
2.37
3.14
4.75
2.5
3.3
5.0
2.63
3.47
5.25
V
V
V
PWM Interface
3.3 V
5.0 V
VDP
3.14
4.75
3.3
5.0
3.47
5.25
V
V
Serial Audio Interface2.5 V
3.3 V
5.0 V
VLS
2.37
3.14
4.75
2.5
3.3
5.0
2.63
3.47
5.25
V
V
V
Control Interface
2.5 V
3.3 V
5.0 V
VLC
2.37
3.14
4.75
2.5
3.3
5.0
2.63
3.47
5.25
V
V
V
Ambient Operating Temperature
Commercial
-CQZ
Automotive
-DQZ
TA
-10
-40
-
-
+70
+85
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Digital
XTAL
PWM Interface
Serial Audio Interface
Control Interface
VD
VDX
VDP
VLS
VLC
-0.3
-0.3
-0.3
-0.3
-0.3
3.5
6.0
6.0
6.0
6.0
V
V
V
V
V
Input Current
(Note 2)
Iin
-±10
mA
Digital Input Voltage
PWM Interface
(Note 3)
Serial Audio Interface
Control Interface
VIND-PWM
VIND-S
VIND-C
-0.3
-0.3
-0.3
VDP+0.4
VLS+0.4
VLC+0.4
V
V
V
Ambient Operating Temperature
-CQ
(power applied)
-DQ
TA
-20
-50
+85
+95
°C
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com