Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 55Page - Cirrus Logic CS44800 Datasheet HTML 56Page - Cirrus Logic CS44800 Datasheet HTML 57Page - Cirrus Logic CS44800 Datasheet HTML 58Page - Cirrus Logic CS44800 Datasheet HTML 59Page - Cirrus Logic CS44800 Datasheet HTML 60Page - Cirrus Logic CS44800 Datasheet HTML 61Page - Cirrus Logic CS44800 Datasheet HTML 62Page - Cirrus Logic CS44800 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
DS632PP1
59
CS44800
7.13
Channel Mute (address 13h)
7.13.1
Independent Channel Mute (CHXX_MUTE)
Default = 0
0 - Disabled
1 - Enabled
Function:
The PWM outputs of the CS44800 will mute when enabled. The muting function is affected, similar to at-
tenuation changes, by the Soft and Zero Cross bits (SZC[1:0]).
7.14
Channel Invert (address 14h)
7.14.1
Invert Signal Polarity (CHXX_INV)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, these bits will invert the signal polarity of their respective channels.
CHXX_IVOL[7:0]
CHXX_FVOL(1:0)
Volume Setting
0001 1000
00
+24.00 dB
0001 0111
10
+23.50 dB
0000 0001
11
+1.75 dB
0000 0001
00
+1.00 dB
0000 0000
01
+0.25 dB
0000 0000
00
0 dB
1111 1111
10
-0.50 dB
1111 1111
00
-1.00 dB
1111 1110
11
-1.25 dB
1111 1101
10
-2.50 dB
1000 0010
00
-126.00 dB
1000 0001
11
-126.25 dB
1000 0001
00
-127.00 dB
Table 9. Channel Fractional Volume Settings
765
43
21
0
CHB4_MUTE
CHA4_MUTE
CHB3_MUTE
CHA3_MUTE
CHB2_MUTE
CHA2_MUTE
CHB1_MUTE
CHA1_MUTE
765
43
21
0
CHB4_INV
CHA4_INV
CHB3_INV
CHA3_INV
CHB2_INV
CHA2_INV
CHB1_INV
CHA1_INV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com