Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 40Page - Cirrus Logic CS44800 Datasheet HTML 41Page - Cirrus Logic CS44800 Datasheet HTML 42Page - Cirrus Logic CS44800 Datasheet HTML 43Page - Cirrus Logic CS44800 Datasheet HTML 44Page - Cirrus Logic CS44800 Datasheet HTML 45Page - Cirrus Logic CS44800 Datasheet HTML 46Page - Cirrus Logic CS44800 Datasheet HTML 47Page - Cirrus Logic CS44800 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
44
DS632PP1
CS44800
5.1.4
Recommended Power-Down Sequence
1. Mute all channel outputs by setting the corresponding CHxx_MUTE bits to ‘1’b.
2. When driving a single-ended (half-bridged) power output stage, set the RAMP[1:0] bits to ‘01’b and
the required ramp speed, to initiate a ramp cycle when the channel is powered down.
3. Power down each channel’s PWM modulator by setting the PDN_PWMxx bit to ‘1’b. If single-ended,
this will initiate a sequence which will slowly decrease the DC voltage, from Vpower÷2 to 0 V, across
the AC-coupling capacitor.
4. The ramp-down function can be configured to cause an interrupt condition when the ramp period has
completed. This will be indicated by an active INT signal.
5. Once the ramp-down sequence has completed, set the appropriate GPIO pin, or other control signal,
to power down the power output stage.
6. For full-bridged power output stage configurations, the ramp-down sequence is not required. Powering
down the power output stage will not cause an audible pop from the speaker.
7. Concurrently with the ramp-down sequence, if desired, stop all clocks on the DAI interface
(DAI_MCLK, DAI_SCLK, DAI_LRCK).
8. Set the PDN bit to ‘1’b to put the CS44800 in the power down state.
Set PSR_EN = 1b
Set PSR_EN = 0b
Read DEC_OUTD[23:0]
3FEF90h <
DEC_OUTD[23:0] <
400FFFh?
Done
DEC_OUTD[23:0] >
400FFFh?
YN
C
PSR =CPSR - 9Bh
Set PSR_RESET = 1b
C
PSR =CPSR + 9Bh
YN
Figure 30. PSR Calibration Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com