Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44800 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 66Page - Cirrus Logic CS44800 Datasheet HTML 67Page - Cirrus Logic CS44800 Datasheet HTML 68Page - Cirrus Logic CS44800 Datasheet HTML 69Page - Cirrus Logic CS44800 Datasheet HTML 70Page - Cirrus Logic CS44800 Datasheet HTML 71Page - Cirrus Logic CS44800 Datasheet HTML 72Page - Cirrus Logic CS44800 Datasheet HTML 73Page - Cirrus Logic CS44800 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
70
DS632PP1
CS44800
The Channel Delay bits allow delay adjustment of each of the PWMOUT differential signal pairs, PW-
MOUTAx+/PWMOUTAx- from the associated PWMOUTBx+/PWMOUTBx-. The value of this register de-
termines the amount of delay inserted in the output path. The effective delay is calculated by multiplying
the register value by the period of the PWM_MCLK. This parameter can only be changed when all mod-
ulators and associated logic are in the power-down state by setting the PDN bit in the register “Clock Con-
figuration and Power Control (address 02h)” on page 51 to a 1b. Attempts to write this register while the
PDN is not set will be ignored.
Binary Code
Delay Setting(multiply by PWM_MCLK period)
00000
0 - no delay
00110
6
11000
24
11111
31
Table 16. Channel Delay Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com