Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 5Page - Omron Electronics LLC E53-R Datasheet HTML 6Page - Omron Electronics LLC E53-R Datasheet HTML 7Page - Omron Electronics LLC E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC E53-R Datasheet HTML 10Page - Omron Electronics LLC E53-R Datasheet HTML 11Page - Omron Electronics LLC E53-R Datasheet HTML 12Page - Omron Electronics LLC E53-R Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Digital Controller
E5AK/E5EK
9
Installation
Note: Always turn off the power supply to the Digital Controller before changing any switch settings.
■ Settings
On a standard model, set up the Output Units for control outputs 1
and 2 before mounting the Controller.
On a position-proportional model, the Relay Output Unit is already
set. Therefore, this setup operation is unnecessary. (Do not replace
with other Output Units.)
When setting up the Output Units, draw out the internal mechanism
from the housing and insert the Output Units into the sockets for con-
trol outputs 1 and 2.
Setting Up the Output Unit
Removing the Output Unit
To replace the Output Unit, use a flat-blade screwdriver to push up
the Output Unit.
Setting Up the Option Unit
•E5AK
1. Remove the power board and option boards in the order shown in
the following diagram.
2. Insert the Option Units into the sockets for options 1 to 3. The fol-
lowing diagram shows the relationship between the Option Units
and mounting positions.
3. Mount the option boards and the power board in the order shown.
40x40
Current Transformer
E54-CT1
E54-CT3
5.8 dia.
12 dia.
2.36 dia.
Two, M3 (depth: 4)
Option 1
E53-AKB: Event inputs 1/2
E53-EN01: RS-232C
E53-EN02: RS-422
E53-EN03: RS-485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com