Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 16Page - Omron Electronics LLC E53-R Datasheet HTML 17Page - Omron Electronics LLC E53-R Datasheet HTML 18Page - Omron Electronics LLC E53-R Datasheet HTML 19Page - Omron Electronics LLC E53-R Datasheet HTML 20Page - Omron Electronics LLC E53-R Datasheet HTML 21Page - Omron Electronics LLC E53-R Datasheet HTML 22Page - Omron Electronics LLC E53-R Datasheet HTML 23Page - Omron Electronics LLC E53-R Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
Digital Controller
E5AK/E5EK
Operation
■ After Turning ON Power
Determine the I/O specifications of the Digital Controller in setup
mode.
■ Input Type
Set the code according to the following table. Default is “2: K1 ther-
mocouple.”
Platinum Resistance Thermometer
Power ON
Process value
1 s min.
1 s min.
Input type
Temperature input
Current/Voltage input
Decimal point
Parameter initialize
From next page
To next page
°C/°F
selection
Scaling
upper limit
Scaling
lower limit
Set
value
Input type
0
JPt100
−199.9 to 650.0 (°C)
/
−199.9 to 999.9 (°F)
Platinum resistance ther-
mometer
1
Pt100
−199.9 to 650.0 (°C)
/
−199.9 to 999.9 (°F)
2K1
−200 to 1,300 (°C)
/
−300 to 2,300 (°F)
Thermocouple
3
K2
0.0 to 500.0 (
°C)
/0.0 to 900.0 (
°F)
4J1
−100 to 850 (°C)
/
−100 to 1,500 (°F)
5
J2
0.0 to 400.0 (
°C)
/0.0 to 750.0 (
°F)
6T
−199.9 to 400.0 (°C)
/
−199.9 to 700.0 (°F)
7
E
0 to 600 (
°C)
/0 to 1,100 (
°F)
8L1
−100 to 850 (°C)
/
−100 to 1,500 (°F)
9
L2
0.0 to 400.0 (
°C)
/0.0 to 750.0 (
°F)
10
U
−199.9 to 400.0 (°C)
/
−199.9 to 700.0 (°F)
11
N
−200 to 1,300 (°C)
/
−300 to 2,300 (°F)
12
R
0 to 1,700 (
°C)
/0 to 3,000 (
°F)
13
S
0 to 1,700 (
°C)
/0 to 3,000 (
°F)
14
B
100 to 1,800 (
°C)
/300 to 3,200 (
°F)
15
W
0 to 2,300 (
°C)
/0 to 4,100 (
°F)
16
PLII
0 to 1,300 (
°C)
/0 to 2,300 (
°F)
17
4 to 20 mA
Current input
18
0 to 20 mA
19
1 to 5 V
Voltage input
20
0 to 5 V
21
0 to 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com