Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 12Page - Omron Electronics LLC E53-R Datasheet HTML 13Page - Omron Electronics LLC E53-R Datasheet HTML 14Page - Omron Electronics LLC E53-R Datasheet HTML 15Page - Omron Electronics LLC E53-R Datasheet HTML 16Page - Omron Electronics LLC E53-R Datasheet HTML 17Page - Omron Electronics LLC E53-R Datasheet HTML 18Page - Omron Electronics LLC E53-R Datasheet HTML 19Page - Omron Electronics LLC E53-R Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
Digital Controller
E5AK/E5EK
■ Wiring Terminals for E5EK
Terminal Arrangement
Wiring
In the following wiring diagrams, the left side of the terminal numbers indicate the inside of the Controller.
Power Supply
Input 100 to 240 VAC or AC/DC 24 V to terminal numbers 9 and 10 according to the specifications.
Sensor Input
Connect the sensor input to terminal numbers 11 to 14 and 33 as follows according to the input type.
SOURCE
AC100-240V
~
(AC/DC24V
~)
TRSF:
Transfer output
EV1/2: Event input
PTMR: Potentiometer
RSP:
Remote SP input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com