Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 23Page - Omron Electronics LLC E53-R Datasheet HTML 24Page - Omron Electronics LLC E53-R Datasheet HTML 25Page - Omron Electronics LLC E53-R Datasheet HTML 26Page - Omron Electronics LLC E53-R Datasheet HTML 27Page - Omron Electronics LLC E53-R Datasheet HTML 28Page - Omron Electronics LLC E53-R Datasheet HTML 29Page - Omron Electronics LLC E53-R Datasheet HTML 30Page - Omron Electronics LLC E53-R Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Digital Controller
E5AK/E5EK
27
Input Shift
When temperature input is selected, scaling is not required. This is
because input is treated as the “temperature” as it is matched to the
input type. However, note that the upper- and lower-limit values of the
sensor can be shifted. For example, if both the upper- and lower-limit
values are shifted by 1.2
°C, the process value (before shift) is
regarded as 201.2
°C after shift when input is 200°C before shift.
To set the input shift, set shift values in the “input shift upper limit”
and “input shift lower limit” parameters (level 2 mode).
Setup Mode
Temperature
Upper limit
Upper-limit compensation value
Before compensation
Lower limit
Input (% of full scale)
After
compensation
Lower-limit
compensation value
Input type
Temperature input
Current/Voltage input
Decimal point
Parameter initialize
Alarm 1 type
Alarm 2 type
Alarm 3 type
Alarm type
°C/°F
selection
Scaling
upper limit
Scaling
lower limit
Control output 1
assignment (Not
displayed by the
E5
@K-PRR2)
Control output 2
assignment (Not
displayed by the
E5
@K-PRR2)
Auxiliary output 1
assignment
Auxiliary output 2
assignment
Output
assignment
Alarm
1, 2, or
3 is not
set.
Alarm 1
open in
alarm
Alarm 2
open in
alarm
Alarm 3
open in
alarm
Direct/Reverse
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com