Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 28Page - Omron Electronics LLC E53-R Datasheet HTML 29Page - Omron Electronics LLC E53-R Datasheet HTML 30Page - Omron Electronics LLC E53-R Datasheet HTML 31Page - Omron Electronics LLC E53-R Datasheet HTML 32Page - Omron Electronics LLC E53-R Datasheet HTML 33Page - Omron Electronics LLC E53-R Datasheet HTML 34Page - Omron Electronics LLC E53-R Datasheet HTML 35Page - Omron Electronics LLC E53-R Datasheet HTML 36Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Digital Controller
E5AK/E5EK
35
■ Period and Scope of Guarantee
Unit with Standard Specifications
Scope of Guarantee
Should the Unit malfunction during the guarantee period, OMRON
shall repair the Unit or replace any parts of the Unit at the expense of
OMRON.
The above does not apply in the following cases.
1. Any malfunction of the Unit due to the incorrect use or improper
handling of the Unit.
2. Any malfunction of the Unit not originating from the Unit.
3. Any malfunction of the Unit due to a modification of the Unit or
repairs to the Unit carried out by any person not authorized by
OMRON.
4. Any malfunction of the Unit due to any natural disaster.
OMRON shall not be responsible for any damage or loss induced by
any malfunction of the Unit.
Three-year Guarantee
Period of Guarantee
The guarantee period of the Unit is three years starting from the date
the Unit is shipped from the factory.
Scope of Guarantee
The Unit is guaranteed under the following operating conditions.
1. Average Operating Temperature (see note):
−10°C to 50°C
2. Mounting Method: Standard mounting
Note: Average Operating Temperature
Refer to the process temperature of the Unit mounted to a con-
trol panel and connected to peripheral devices on condition that
the Unit is in stable operation, sensor input type K is selected
for the Unit, the positive and negative thermocouple input ter-
minals of the Unit are short-circuited, and the ambient temper-
ature is stable.
Should the Unit malfunction during the guarantee period, OMRON
shall repair the Unit or replace any parts of the Unit at the expense of
OMRON.
The above does not apply in the following cases.
1. Any malfunction of the Unit due to the incorrect use or improper
handling of the Unit.
2. Any malfunction of the Unit not originating from the Unit.
3. Any malfunction of the Unit due to a modification of the Unit or
repairs to the Unit carried out by any person not authorized by
OMRON.
4. Any malfunction of the Unit due to any natural disaster.
OMRON shall not be responsible for any damage or loss induced by
any malfunction of the Unit.
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com