Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  E53-R Datasheet HTML 1Page - Omron Electronics LLC E53-R Datasheet HTML 2Page - Omron Electronics LLC E53-R Datasheet HTML 3Page - Omron Electronics LLC E53-R Datasheet HTML 4Page - Omron Electronics LLC E53-R Datasheet HTML 5Page - Omron Electronics LLC E53-R Datasheet HTML 6Page - Omron Electronics LLC E53-R Datasheet HTML 7Page - Omron Electronics LLC E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
Digital Controller
E5AK/E5EK
Thermocouple
Note: Setting number is factory-set to 2 (K1).
Thermocouple W is W/Re5-26 (tungsten rhenium 5, tungsten rhenium 26).
Current/Voltage
Input (switch
selectable)
(see note)
K1
K2
J1
J2
T
E
L1
L2
U
N
R
S
B
W
PLII
Range
°C
−200
to
1,300
0.0 to
500.0
−100
to 850
0.0 to
400.0
−199.9
to 400.0
0 to
600
−100
to 850
0.0 to
400.0
−199.9
to 400.0
−200
to
1,300
0 to
1,700
0 to
1,700
100 to
1,800
0 to
2,300
0 to
1,300
°F
−300
to
2,300
0.0 to
900.0
−100
to
1,500
0.0 to
750.0
−199.9
to 700.0
0 to
1,100
−100
to
1,500
0.0 to
750.0
−199.9
to 700.0
−300
to
2,300
0 to
3,000
0 to
3,000
300 to
3,200
0 to
4,100
0 to
2,300
Setting
2
3456
78
910
11
12
13
14
15
16
Input (switch selectable)
Current input
Voltage input
4 to 20 mA
0 to 20 mA
1 to 5 V
0 to 5 V
0 to 10 V
Range
One of following ranges depending on results of scaling
−1999 to 9999
−199.9 to 999.9
−19.99 to 99.99
−1.999 to 9.999
Setting
17
18
19
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com