Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  E53-R Datasheet HTML 1Page - Omron Electronics LLC E53-R Datasheet HTML 2Page - Omron Electronics LLC E53-R Datasheet HTML 3Page - Omron Electronics LLC E53-R Datasheet HTML 4Page - Omron Electronics LLC E53-R Datasheet HTML 5Page - Omron Electronics LLC E53-R Datasheet HTML 6Page - Omron Electronics LLC E53-R Datasheet HTML 7Page - Omron Electronics LLC E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Digital Controller
E5AK/E5EK
1
Digital Controller
E5AK/E5EK
Advanced Digital Controllers Ideal for
Worldwide Use
• Modular structure
• High-accuracy: 100 ms sampling (for analog input)
• Auto-tuning and fuzzy self-tuning
• Conforms to international EMC and safety standards.
• IP66/NEMA4 (indoor use) front face
• Remote set point
• Serial communications (RS-232C, RS-422 and RS-485) and
transfer output (4 to 20 mA)
• Position-proportional control model
• Heating/cooling control
• AC/DC24V types are also available.
®
Model Number Structure
■ Model Number Legend
1. Size
A:
96
× 96 mm
E:
96
× 48 mm
2. Model
AA:
Standard model
PRR: Position-proportional model
3. Number of alarms
2:
Two alarms
12
3
E5
@K- @@@ @ -500


Similar Part No. - E53-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-R OMRON-E53-R Datasheet
967Kb / 10P
Advanced Digital Controllers Ideal for Worldwide Use
E53-R4R4 OMRON-E53-R4R4 Datasheet
273Kb / 22P
Advanced, Compact Digital Controllers
E53-R4R4 OMRON-E53-R4R4 Datasheet
795Kb / 14P
Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
More results

Similar Description - E53-R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
DIGITAL SOUND CONTROLLER
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
DIGITAL SOUND CONTROLLER
logo
Zilog, Inc.
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
DIGITAL TELEVISION CONTROLLER
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89314 ZILOG-Z89314 Datasheet
85Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89332 ZILOG-Z89332 Datasheet
62Kb / 8P
Digital Television Controller
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
GM6010 ETC-GM6010 Datasheet
792Kb / 2P
DIGITAL TV CONTROLLER
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
Digital Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com