Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 17Page - Omron Electronics LLC E53-R Datasheet HTML 18Page - Omron Electronics LLC E53-R Datasheet HTML 19Page - Omron Electronics LLC E53-R Datasheet HTML 20Page - Omron Electronics LLC E53-R Datasheet HTML 21Page - Omron Electronics LLC E53-R Datasheet HTML 22Page - Omron Electronics LLC E53-R Datasheet HTML 23Page - Omron Electronics LLC E53-R Datasheet HTML 24Page - Omron Electronics LLC E53-R Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Digital Controller
E5AK/E5EK
21
■ Parameter Initialize
Parameter initialization sets all parameters to default values except
for the input type, scaling upper limit, scaling lower limit, decimal
point, and
°C/°F selection parameters.
■ Output Assignments
Signals available as allocated outputs are the control output (heat),
control output (cool), alarm 1, alarm 2, alarm 3, LBA, and HBA. The
auxiliary outputs of the Digital Controller cannot be used as control
outputs.
Control output (heat), control output (cool), alarm 1, alarm 2, alarm 3,
LBA, error 1 (input error), error 2 (A/D converter error), and error 3
(RSP input error) output functions are available. These functions are
assigned to control outputs 1 and 2 and auxiliary outputs 1 and 2.
The assignment destination of each output function is may be
restricted. Refer to the following table.
Standard Models
In other words, heating and cooling control is carried out when con-
trol output (cool) is assigned, and standard control is carried out
when output is not assigned.
Position-proportional Models
LBA
The LBA (loop break alarm) function is available when it is assigned
as an output. The LBA function is not available when a memory or A/
D converter error results.
LBA is a function for determining that an error has occurred some-
where on the control loop and outputting an alarm when the process
value does not change with the manipulated variable at a maximum
or minimum state. Accordingly, the LBA function can be used as a
means for detecting a malfunctioning control loop.
To previous page
From previous page
Alarm 1 type
Alarm 2 type
Alarm type
Alarm 3 type
Control output 1
assignment (Not
displayed by the
E5
@K-PRR2)
Control output 2
assignment (Not
displayed by the
E5
@K-PRR2)
Output
assignment
Auxiliary output 1
assignment
Auxiliary output 2
assignment
Alarm
1, 2, or
3 is not
set.
Alarm 1
open in
alarm
Alarm 2
open in
alarm
Alarm 3
open in
alarm
Direct/Reverse
operation
Control
output
Auxiliary
output
12
12
Control output (heat)
Yes
Yes
---
---
Control output (cool)
Yes
Yes
---
---
Alarm 1
Yes
Yes
Yes
Yes
Alarm 2
Yes
Yes
Yes
Yes
Alarm 3
Yes
Yes
Yes
Yes
HBA
Yes
Yes
Yes
Yes
LBA
Yes
Yes
Yes
Yes
Error 1: Input error
---
---
Yes
Yes
Error 2: A/D converter error
---
---
Yes
Yes
Error 3: RSP input error
---
---
Yes
Yes
Control
output
Auxiliary
output
12
12
Alarm 1
---
---
Yes
Yes
Alarm 2
---
---
Yes
Yes
Alarm 3
---
---
Yes
Yes
Error 1: Input error
---
---
Yes
Yes
Error 2: A/D converter error
---
---
Yes
Yes
Error 3: RSP input error
---
---
Yes
Yes
Output function
Assignment
destination
With control output (cool), the conditions for switching from
standard control to heating and cooling control are reached
when the output function is assigned at the cooling side
during heating and cooling control.
Output function
Assignment
destination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com