Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 10Page - Omron Electronics LLC E53-R Datasheet HTML 11Page - Omron Electronics LLC E53-R Datasheet HTML 12Page - Omron Electronics LLC E53-R Datasheet HTML 13Page - Omron Electronics LLC E53-R Datasheet HTML 14Page - Omron Electronics LLC E53-R Datasheet HTML 15Page - Omron Electronics LLC E53-R Datasheet HTML 16Page - Omron Electronics LLC E53-R Datasheet HTML 17Page - Omron Electronics LLC E53-R Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
Digital Controller
E5AK/E5EK
CT Input/Potentiometer
When using the HBA function on the E5AK-AA2 Controller, connect CT input (CT) to terminal numbers 15 to 17. When monitoring the valve opening
on the E5AK-PRR2 Controller, connect the potentiometer (PTMR) to terminal numbers 15 to 17. Connect each of these inputs as follows:
For details on CT inputs, refer to Appendix, About Current Transformer in the E5AK/E5EK User’s Manual (H83/H85). For details on the potentiom-
eter, refer to the Instruction Manual for the valve connected to the Controller. The variable resistance range is 100
Ω to 2.5 kΩ.
Remote SP Input
Connect the input (RSP) to be used as the remote SP to terminal numbers 21 and 22. Only 4 to 20 mA inputs can be connected. Connect the input
as follows:
10
9
8
7
6
5
4
3
2
1
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
31 32
33
17
16
15
17
16
15
C
W
O
CT
CT input
Potentiometer
10
9
8
7
6
5
4
3
2
1
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
31 32
33
21
+
−
22
4 to 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com