Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 22Page - Omron Electronics LLC E53-R Datasheet HTML 23Page - Omron Electronics LLC E53-R Datasheet HTML 24Page - Omron Electronics LLC E53-R Datasheet HTML 25Page - Omron Electronics LLC E53-R Datasheet HTML 26Page - Omron Electronics LLC E53-R Datasheet HTML 27Page - Omron Electronics LLC E53-R Datasheet HTML 28Page - Omron Electronics LLC E53-R Datasheet HTML 29Page - Omron Electronics LLC E53-R Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Digital Controller
E5AK/E5EK
Level 1 Mode
Level 2 Mode
AT Execute/Cancel
For heating/cooling control
For E5
@K-PRR2
For heating/cooling control
For heating/cooling control
Current value
Set Point 0
Used with multi-SP function.
Set Point 1
Used with multi-SP function.
Set Point 2
Used with multi-SP function.
Set Point 3
Used with multi-SP function.
Alarm Value 1
Available only when the alarm output 1 is assigned.
Alarm Value 2
Available only when the alarm output 2 is assigned.
Alarm Value 3
Available only when the alarm output 3 is assigned.
Proportional Band
Available if the Controller is in advanced PID control.
Integral Time
Available if the Controller is in advanced PID control.
Derivative Time
Available if the Controller is in advanced PID control.
Cooling Coefficient
Used with the Controller is in
heating and cooling control.
Dead Band
Used with the Controller is in
heating and cooling control.
Position-
proportional
dead band
Manual Reset Value
Available when the integral time parameter
of the Controller in standard control is "0".
Hysteresis (Heat)
Available when the Controller is in
ON/OFF control.
Hysteresis (Cool)
Available when the Controller is in
ON/OFF control
Control Period (Heat)
Available when the Controller has a relay or
voltage output, or is in advanced PID control.
Control Period (Cool)
Available when the Controller has a relay
or voltage output, or is in advanced PID
control.
Heater Current Monitor
Available when the heater
burnout alarm is assigned.
Heater Burnout Detection
Available when the heater
burnout alarm is assigned.
SP Mode
SP Ramp Time Unit
SP Ramp Set Value
MV at Stop
MV at PV Error
MV Change Rate Limit
Input Digital Filter
(See Input Shift)
For E5
@K-PRR2
Open/Close hysteresis
Remote/Local
Used for the
communications function.
LBA Detection Time
Available when the LBA (loop break
alarm) is assigned as an output.
Unavailable to the E5
@K-PRR2.
MV Upper Limit
Unavailable to the
E5
@K-PRR2.
MV Lower Limit
Unavailable to the
E5
@K-PRR2.
Alarm 1 Hysteresis
Available only when the alarm
output 1 is assigned.
Alarm 2 Hysteresis
Available only when the alarm
output 2 is assigned.
Alarm 3 Hysteresis
Available only when the alarm
output 3 is assigned.
Input Shift Upper Limit
Available if the input type is a
thermocouple or platinum resistance
thermometer.
Input Shift Lower Limit
Available if the input type is a
thermocouple or platinum resistance
thermometer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com