Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 28Page - Omron Electronics LLC E53-R Datasheet HTML 29Page - Omron Electronics LLC E53-R Datasheet HTML 30Page - Omron Electronics LLC E53-R Datasheet HTML 31Page - Omron Electronics LLC E53-R Datasheet HTML 32Page - Omron Electronics LLC E53-R Datasheet HTML 33Page - Omron Electronics LLC E53-R Datasheet HTML 34Page - Omron Electronics LLC E53-R Datasheet HTML 35Page - Omron Electronics LLC E53-R Datasheet HTML 36Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
Digital Controller
E5AK/E5EK
Precautions
General Precautions
Operating Environment
Keep within the rated ambient operating temperature, ambient oper-
ating humidity, and storage temperature ranges.
Use the Unit according to the vibration resistance, shock resistance,
and degree of protection.
Do not use the Unit in places with corrosive gas or excessive dust.
Do not use the Unit nearby machines generating high-frequency
noise.
Correct Use
Mounting
The dimensions of the Digital Controller conform to DIN 43700.
Recommended panel thickness is 1 to 8 mm.
Mount the Unit horizontally.
Connection
To reduce inductive noise influence, the lead wires connecting the
input type to the Digital Controller must be separated from the power
lines and load lines.
Use the specified compensating conductors for thermocouples. Use
lead wires having a small resistance for platinum resistance ther-
mometers.
Connection Example
Wire the terminals of the Unit using solderless terminals.
The tightening torque applied to the terminal screws of the Unit must
be approximately 0.78 N·m or 8 kgf·cm.
Use the following type of solderless terminals for M3.5 screws.
Operation
The alarm outputs of a model with an alarm function may not turn ON
properly when the model malfunctions. The use of alarm equipment
with the model is recommended.
The parameters and internal switch are set before shipping so that
the Unit will function normally. Change the settings of the parameters
and internal switch according to the application if necessary.
Several seconds are required until the relay is turned ON after power
has been supplied to the Digital Controller. Therefore, take this time
delay into consideration when designing sequenced circuits which
incorporate a Digital Controller.
Do not use excessive force when drawing out the internal mecha-
nism from the housing. Protect the internal connector or electronic
parts of the Unit from shock. Protect against static discharge when
changing the settings of the internal switch. Changing the settings on
a grounded conductive mat is recommended.
When connecting the Control Output Unit to the Temperature Con-
troller or Digital Controller, make sure that the Control Output Unit is
a suitable type. The use of an improper type of Control Output Unit
may cause the system to malfunction.
The heater burnout alarm will not be available if the Linear Output
Unit is used.
7.2 mm max.
7.2 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com