Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 11Page - Omron Electronics LLC E53-R Datasheet HTML 12Page - Omron Electronics LLC E53-R Datasheet HTML 13Page - Omron Electronics LLC E53-R Datasheet HTML 14Page - Omron Electronics LLC E53-R Datasheet HTML 15Page - Omron Electronics LLC E53-R Datasheet HTML 16Page - Omron Electronics LLC E53-R Datasheet HTML 17Page - Omron Electronics LLC E53-R Datasheet HTML 18Page - Omron Electronics LLC E53-R Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Digital Controller
E5AK/E5EK
15
Event Input
Connect event inputs 1 and 2 (EV1/2) to terminal numbers 18 to 20, and event events 3 and 4 (EV3/4) to terminal numbers 24 to 26. However, note
that terminal numbers 18 to 20 cannot be used on Controllers with a communications function. Connect the event inputs as follows:
Terminals 18 and 24 (COM) are connected internally.
Use event inputs under the following conditions:
Polarities during no-contact input are as follows:
Transfer Output
Connect transfer output (TRSF) to terminal numbers 29 and 30. The internal equalizing circuit for transfer output is as follows:
Transfer output specifications are as follows: 4 to 20 mA,
Permissible load impedance: 600
Ω max.,
Resolution: Approx. 2600
Communications
Terminal numbers 18 to 20, 31 and 32 can be used only on Controllers with Communications Units (E53-EN01/02/03). For details on wiring, refer
to Chapter 6, Using the Communications Function in the E5AK/E5EK User’s Manual (H83/H85).
Contact input
ON:
1 k
Ω max.
OFF: 100 k
Ω min.
No-contact input
ON:
Residual voltage 1.5 V max.,
OFF: Leakage current 0.1 mA max.
10
9
8
7
6
5
4
3
2
1
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
31 32
33
20
19
18
26
25
24
+
+
−
+
+
−
Event input 1 and 2
Event input 3 and 4
EV1
EV2
COM
EV3
EV4
COM
20
19
18
26
25
24
+
+
−
+
+
−
Event input 1 and 2
Event input 3 and 4
EV1
EV2
COM
EV3
EV4
COM
30
29
L
+
−
4 to 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com