Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 25Page - Omron Electronics LLC E53-R Datasheet HTML 26Page - Omron Electronics LLC E53-R Datasheet HTML 27Page - Omron Electronics LLC E53-R Datasheet HTML 28Page - Omron Electronics LLC E53-R Datasheet HTML 29Page - Omron Electronics LLC E53-R Datasheet HTML 30Page - Omron Electronics LLC E53-R Datasheet HTML 31Page - Omron Electronics LLC E53-R Datasheet HTML 32Page - Omron Electronics LLC E53-R Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Digital Controller
E5AK/E5EK
29
■ How to Use the Error Display
When an error has occurred, the No.1 display alternately indicates error codes together with the current display item.
This section describes how to check error codes on the display, and the actions that must be taken to remedy the problem.
Meaning
Input is in error.
Action
Check the wiring of inputs, disconnections, and shorts, and check the input type and the input type jumper con-
nector.
Operation at Error
For control output functions, output the manipulated variable matched to the setting of the “MV at PV error” param-
eter (level 2 mode). Alarm output functions are activated when the upper limit is exceeded.
Meaning
Internal memory operation is in error
Action
First, turn the power OFF then back ON again. If the display remains the same, the E5AK/E5EK Controller must
be repaired. If the display is restored to normal, the probable cause may be external noise affecting the control
system. Check for external noise.
Operation at Error
Control output functions turn OFF (2 mA max. at 4 to 20 mA output, and output equivalent to 0% in case of other
outputs). Alarm output functions turn OFF.
Meaning
Internal circuits are in error.
Action
First, turn the power OFF then back ON again. If the display remains the same, the E5AK/E5EK Controller must
be repaired. If the display is restored to normal, the probable cause may be external noise affecting the control
system. Check for external noise.
Operation at Error
Control output functions turn OFF (2 mA max. at 4 to 20 mA output, and output equivalent to 0% in case of other
outputs). Alarm output functions turn OFF.
This error is output only during temperature input and is displayed for two seconds when the power is turned ON.
Meaning
Calibration data is in error.
Action
Must repair.
Operation at Error
Both control output functions and alarm output functions are active. However, note that the readout accuracy is not
assured.
Meaning
Though not an error, this is displayed when the process value exceeds the display range when the control range
(setting range
±10%) is larger than the display range (−1999 to 9999).
• When less than “
−1999”
• When greater than “9999”
Operation
Control continues, allowing normal operation.
Input Error
Memory Error
A/D Converter Error
Calibration Data Error
Display Range Over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com