Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC E53-R Datasheet HTML 10Page - Omron Electronics LLC E53-R Datasheet HTML 11Page - Omron Electronics LLC E53-R Datasheet HTML 12Page - Omron Electronics LLC E53-R Datasheet HTML 13Page - Omron Electronics LLC E53-R Datasheet HTML 14Page - Omron Electronics LLC E53-R Datasheet HTML 15Page - Omron Electronics LLC E53-R Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
Digital Controller
E5AK/E5EK
Wiring
■ Wiring Terminals for E5AK
Terminal Arrangement
Wiring
In the following wiring diagrams, the left side of the terminal numbers indicate the inside of the Controller.
Power Supply
Input 100 to 240 VAC or AC/DC 24 V to terminal numbers 9 and 10 according to the specifications.
Sensor Input
Connect the sensor input to terminal numbers 11 to 14 and 33 as follows according to the input type.
SOURCE
AC100-240V
~
(AC/DC24V
~)
TRSF:
Transfer output
EV1 to 4: Event input
PTMR:
Potentiometer
RSP:
Remote SP input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com