Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 13Page - Omron Electronics LLC E53-R Datasheet HTML 14Page - Omron Electronics LLC E53-R Datasheet HTML 15Page - Omron Electronics LLC E53-R Datasheet HTML 16Page - Omron Electronics LLC E53-R Datasheet HTML 17Page - Omron Electronics LLC E53-R Datasheet HTML 18Page - Omron Electronics LLC E53-R Datasheet HTML 19Page - Omron Electronics LLC E53-R Datasheet HTML 20Page - Omron Electronics LLC E53-R Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Digital Controller
E5AK/E5EK
17
Control Output
Terminal numbers 7 and 8 are for control output 1 (OUT1), and terminal numbers 5 and 6 are for control output 2 (OUT2). The following diagrams
show the available Output Units and their internal equalizing circuits.
With E53-V
@@ Output Units, approx. 2 V is output for one second after the power is interrupted.
The following table shows the specifications for each Output Unit.
With E5EK-PRR2 Controllers, the relay output (1 A at 250 VAC) is fixed.
When replacing the Output Unit, use the E53-R. The following diagrams show the relationship between terminals and open/close relay settings.
Auxiliary Output
Terminal numbers 3 and 4 are for auxiliary output 1 (SUB1) and terminal numbers 1 and 2 are for auxiliary output 2 (SUB2). The following diagrams
show the internal equalizing circuits for the auxiliary outputs:
Output specifications are as follows:
SPST-NO, 3A at 250 VAC
Model
Output type
Specifications
E53-R
Relay
5 A at 250 VAC
E53-S
SSR
1 A at 75 to 250 VAC
E53-Q
E53-Q3
E53-Q4
Voltage (NPN)
Voltage (NPN)
Voltage (PNP)
NPN: 40 mA at 12 VDC (with short-circuit protection)
NPN: 20 mA at 24 VDC (with short-circuit protection)
PNP: 20 mA at 24 VDC (with short-circuit protection)
E53-C3
E53-C3D
4 to 20 mA
0 to 20 mA
4 to 20 mA, permissible load impedance: 600
Ω max., resolution: approx. 2600
0 to 20 mA, permissible load impedance: 600
Ω max., resolution: approx. 2600
E53-V34
E53-V35
0 to 10 V
0 to 5 V
0 to 10 VDC, permissible load impedance:1 k
Ω min., resolution: approx. 2600
0 to 5 VDC, permissible load impedance: 1 k
Ω min., resolution: approx. 2600
8
7
6
5
Open
Close
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
15
14
13
12
11
21 22
23
42
1
Auxiliary
output 1
Auxiliary
output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com