Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button E53-R Datasheet HTML 28Page - Omron Electronics LLC E53-R Datasheet HTML 29Page - Omron Electronics LLC E53-R Datasheet HTML 30Page - Omron Electronics LLC E53-R Datasheet HTML 31Page - Omron Electronics LLC E53-R Datasheet HTML 32Page - Omron Electronics LLC E53-R Datasheet HTML 33Page - Omron Electronics LLC E53-R Datasheet HTML 34Page - Omron Electronics LLC E53-R Datasheet HTML 35Page - Omron Electronics LLC E53-R Datasheet HTML 36Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Digital Controller
E5AK/E5EK
33
Peripheral Devices
■ SSR
Connection Example of Digital Controller and SSR
Model
G3PA
G3NH
G3NA
G3NE
G3B
Appearance
SSRs connected in
parallel
E5AK/E5EK: 8 pcs.
E5CK:
4 pcs.
E5AK/E5EK: 8 pcs.
E5CK:
4 pcs.
E5AK/E5EK: 5 pcs.
E5CK:
2 pcs.
E5AK/E5EK: 2 pcs.
E5CK:
1 piece
E5AK/E5EK: 5 pcs.
E5CK:
2 pcs.
Rated input volt-
age
5 to 24 VDC
5 to 24 VDC
5 to 24 VDC
12 VDC
5 to 24 VDC
Features
Thin, monoblock con-
struction with heat sink
For high-power heater
control
Standard model with
screw terminals
Compact, low-cost
model with tab termi-
nals
Socket, model with 5-A
switching capacity
+
−
+
−
Digital Controller
Connectable
Load
Heater
Power SSR
SSR
See the following table.
INPUT
LOAD
E5AK/E5EK
E5CK
Voltage output
terminal (for driv-
ing SSR)
Power supply
for load
Digital Controller with
Voltage Output
(12 VDC, 40 mA max.)
Digital Controller with
Voltage Output
(12 VDC, 20 mA max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com