Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E53-R
Description  Digital Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  E53-R Datasheet HTML 1Page - Omron Electronics LLC E53-R Datasheet HTML 2Page - Omron Electronics LLC E53-R Datasheet HTML 3Page - Omron Electronics LLC E53-R Datasheet HTML 4Page - Omron Electronics LLC E53-R Datasheet HTML 5Page - Omron Electronics LLC E53-R Datasheet HTML 6Page - Omron Electronics LLC E53-R Datasheet HTML 7Page - Omron Electronics LLC E53-R Datasheet HTML 8Page - Omron Electronics LLC E53-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Digital Controller
E5AK/E5EK
3
■ Accessories (Order Separately)
Note: No CT is required unless the heater burnout alarm function is used.
Specifications
■ Ratings
Note: 1. All control outputs are insulated from the input circuit.
2. Fuzzy self-tuning is available when using the Digital Controller in standard control operation with temperature input.
■ Input Ranges
Platinum Resistance Thermometer
Name
Model
Hole diameter
Current Transformer
E54-CT1
5.8 mm
E54-CT3
12.0 mm
Name
Model
Connectable models
Terminal Cover
E53-COV0809
E5AK
E53-COV08
E5EK
Item
AC100-240V type
AC/DC24V type
Supply voltage
AC100 to 240V, 50/60 Hz
AC/DC24V, 50/60 Hz
Power consumption
E5AK: 16 VA
E5EK: 15 VA
12 VA, 8 W
Operating voltage range
85% to 110% of rated supply voltage
Input
Thermocouple:
K, J, T, E, L, U, N, R, S, B, W, PLII
Platinum resistance thermometer: JPt100, Pt100
Current input:
4 to 20 mA, 0 to 20 mA
Voltage input:
1 to 5 V, 0 to 5 V, 0 to 10 V
Input impedance
Current input: 150
Ω; Voltage input: 1 MΩ min.
Control output
Standard Model
According to Output Unit (see “Output Unit Ratings and Characteristics”)
Position-proportional Model
2 Relay outputs: SPST-NO, 1 A at 250 VAC (including inrush current) (see note 1)
Auxiliary output
SPST-NO, 3 A at 250 VAC (resistive load)
Control method (see note 2)
ON/OFF or 2-PID control (with auto-tuning)
Setting method
Digital setting using front panel keys
Indication method
7-segment digital display and LEDs
Potentiometer
100
Ω to 2.5 kΩ
Event input
Contact input:
ON: 1 k
Ω max., OFF: 100 kΩ min.
No-contact input: ON: residual voltage: 1.5 V max., OFF: leakage current: 0.1 mA max.
Transfer output
4 to 20 mA, permissible load impedance: 600
Ω max., resolution: approx. 2,600
Remote SP input
Current input: 4 to 20 mA (Input impedance: 150
Ω)
Current Transformer input
Connect an exclusive Current Transformer (E54-CT1 or E54-CT3)
Other functions
Standard
Manual output, heating/cooling control, SP limiter, loop burnout alarm, SP ramp, MV limiter, MV
change rate limiter, input digital filter, input shift, run/stop, protect functions
Option
Multiple SP, run/stop selection, transfer output functions
Degree of protection
Conforms to IEC IP66 and NEMA4 (Indoor use)
Input (switch selectable)
JPt100
Pt100
Range
°C
−199.9 to 650.0
−199.9 to 650.0
°F
−199.9 to 999.9
−199.9 to 999.9
Setting
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com