Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 10Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 6 of 24
LP6288
Version 0.1 JAN.-2018
Absolute Maximum Ratings
Note 1
VLI, EN, SWI, SWO, BKI3, BKO3, LX1/CS to PGND --------------------------------------------------
−0.3V to +24V
SWI to SWO --------------------------------------------------------------------------------------------------------
−0.3V to +24V
VL, NTC, COMP, BKO1, BKI2, BKO2, DRVN, GATE to PGND ------------------------------------
−0.3V to +6V
SDA, SCL, Addr, HVS, GVOFF, RST to PGND --------------------------------------------------------
−0.3V to +6V
BKLX1, BKLX2, BKLX3 to PGND ---------------------------------------------------------------------------
−0.3V to (BKIx +0.3V)
BKLX1, BKLX2, BKLX3 to PGND(for 20ns) --------------------------------------------------------------
−2V to (BKIx +0.3V)
BST1 to BKLX1, BST3 to BKLX3 ----------------------------------------------------------------------------
−0.3V to +6V
VGH, VGHM, DRN, DRVP to PGND -----------------------------------------------------------------------
−0.3V to +40V
VGL to VL ----------------------------------------------------------------------------------------------------------
−24V to +0.3V
PGND to AGND --------------------------------------------------------------------------------------------------
−0.3V to +0.3V
Operating Junction Temperature Range (TJ)
------------------------------------------------------
−40
℃ to +150℃
Operation Ambient Temperature Range
--------------------------------------------------------------
−40°C to +85°C
Storage Temperature Range
----------------------------------------------------------------------------
−65°C to +150°C
Maximum Soldering Temperature (at leads, 10sec)
----------------------------------------------- +260°C
Maximum Junction Temperature
----------------------------------------------------------------------- +150°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Thermal Resistance
QFN-40 6x6,
θ
JA
---------------------------------------------------------------------------------------------- 37.19°C/W
QFN-40 6x6,
θ
JC
---------------------------------------------------------------------------------------------- 11.07°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com