Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 18 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 18 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 14Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 15Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 20Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 21Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 22Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 18 of 24
LP6288
Version 0.1 JAN.-2018
Application Information (Continued)
1. IIC Interface Specification
The LP6288 can easily modify parameters by IIC bus, that slave address is show below:
Slave Address
A6
A5
A4
A3
A2
A1
A0
W/R
0
1
0
0
0
0
Addr
0/1
IIC is a two wire serial interface developed, the bus consists of a clock line(SCL) and a data line(SDA) with
pull-up structures. The LP6288 works as a slave mode, and address can set by Addr pin. The data transfer
protocol is follow IIC-Bus Specification's standard mode(100kbps) and fast mode(400kbps).
DATA
CLK
S
START condition
P
STOP condition
Figure 10. START and STOP Conditions
DATA
CLK
Data line
stable;
data valid
Change
of data
allowed
Figure 11. Bit Transfer on the Serial Interface
2. Write Data to Register
SCL
SDA
A6
A5
A4
A3
A2
A1
A0
R/W ACK
A6
A5
A4
A3
A2
A1
A0
A7
ACK
D6
D5
D4
D3
D2
D1
D0
D7
ACK
0
Slave Address
(Write Data )
Register Address
Data
Stop
Start
1
1
0
1
0
0
0
0
Addr
1
7
8
1
8
Figure 12. Write Single Byte Data to Register
3. Read Data to Register
SCL
SDA
A6
A5
A4
A3
A2
A1
A0
R/W ACK
A6
A5
A4
A3
A2
A1
A0
A7
ACK
1
Slave Address
(Read Data )
Register Address
Start
1
1
0
1
0
0
0
0
Addr
1
7
8
D6
D5
D4
D3
D2
D1
D0
D7
ACK
1
8
Sr
D6
D5
D4
D3
D2
D1
D0
D7
ACK
Data
Stop
1
8
Slave Address
Figure 13. Read Single Byte Data from Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com