Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 14 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 14 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 13Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 14Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 15Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 14 of 24
LP6288
Version 0.1 JAN.-2018
Application Information(Continued)
Buck1 Converter (VI/O)
The non-synchronous current mode buck1 converter
operates
with
PWM
architecture
with
750kHz
operation frequency and fast transient response. The
converter drivers an internal N-MOS, it need connect
a 100nF ceramic capacitor between the BST1 and
BKLX1 to provide gate driver voltage. It's necessary
to connect a Schottky diode between BKLX1 to GND.
The output voltage can be adjustable by internal
register. The converter has an internal soft start
3ms(Typ.).
Buck1 Over Current Protection
The Buck1 offers cycle-to-cycle and peak 3.5A(typ.)
current limiting for high-side MOS. The current limit is
relatively constant regardless of duty cycles.
Buck1 Over Voltage Protection
The buck converter has an over voltage protection.
When the BKO1 voltage rises above 110%, the Buck1
converter turn off the BKLX1. Until the voltage sense
falls below the over voltage threshold, the converter
will resume operation.
Buck1 Under Voltage Protection
When the BKO1 drop below 80% of its nominal
output, and the
status continues for 50ms, LP6288
will be shut down until VIN power restart.
Buck1 Short Circuit Protection
The LP6288 provides short circuit protection function
to prevent the device damage from short condition.
When the BKO1 sense is lower than 40% of the
setting voltage level, the LP6288 will be shut down
immediately until VIN power cycled.
Buck1 Diode Selection
When the power MOS turns off, the path of the
current is through the diode connected between the
switch output and ground. This diode must have a
minimum voltage drop and quick recovery time, so the
Schottky diodes are recommended. Whatever, make
sure the Schottky diode's reverse voltage rating is
greater than the maximum voltage, and the current
rating is greater than the maximum current.
Buck2 Converter (VCORE)
The synchronous current mode buck2 converter
operates with PWM architecture with 2MHz operation
frequency and fast transient response. The converter
drivers an internal High site P-MOS and Low site
N-MOS. The output voltage can be adjustable by
internal register. The converter has an internal soft
start 3ms(Typ.).
Buck2 Over Current Protection
The Buck2 offers cycle-to-cycle and peak 3A(typ.)
current limiting for high-side MOS. The current limit is
relatively constant regardless of duty cycles.
Buck2 Over Voltage Protection
The buck converter has an over voltage protection.
When the BKO2 voltage rises above 110%, the Buck2
converter turn off the BKLX2. Until the voltage sense
falls below the over voltage threshold, the converter
will resume operation.
Buck2 Under Voltage Protection
When the output voltage
drop below 80% of its
nominal output, and the
status continues for 50ms,
LP6288 will be shut down until VIN power restart.
Buck2 Short Circuit Protection
The LP6288 provides short circuit protection function
to prevent the device damage from short condition.
When the BKO2 sense is lower than 40% of the
setting voltage level, the LP6288 will be shut down
immediately until VIN power cycled.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com