Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 13Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 9 of 24
LP6288
Version 0.1 JAN.-2018
Electrical Characteristics (Continued)
(TA=25°C, VLI= VBKI1,3=12V, VAVDD=16.8V, VIO=3.3V, VCORE=1.2V, VHAVDD=8.1V, VGH=28V, VGL=-10.3V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Buck1 Converter (VIO)
Buck1 Soft Start Time
TSS_BK1
3
ms
BKO1 Output Voltage Range
VBKO1
Programmable Step 0.1V
2.2
3.7
V
Regulation Voltage Tolerance
ILoad=10mA
-2
+2
%
H-Side NMOS On Resistance
RDS_BK1H
ILX=0.5A
150
mΩ
L-Side NMOS On Resistance
RDS_BK1L
ILX=0.5A
6
Ω
Buck1 Current Limit
ILimit_BK1
3
3.5
4
A
Buck1 Line Regulation
8V≦VIN≦14V, ILoad=10mA
0.005
%/V
Buck1 Load Regulation
VIN=12V, 1mA≦ILoad≦2.5A
0.25
%/A
Buck1 Under Voltage Threshold
VBKO1 Falling
75
80
85
%
Buck2 Converter (VCore)
Operating Frequency
FBK2
2
MHz
Maximum Duty Cycle
DMAX
100
%
Buck2 Soft Start Time
TSS_BK2
3
ms
Buck2 Output Voltage Range
VBKO2
Programmable Step 0.1V
0.8
3.3
V
Regulation Voltage Tolerance
ILoad=10mA
-2
+2
%
H-Side PMOS On Resistance
RDS_BK2H
ILX=0.5A
160
mΩ
L-Side NMOS On Resistance
RDS_BK2L
ILX=0.5A
160
mΩ
Buck2 Current Limit
ILimit_BK2
2.5
3
3.5
A
Buck2 Line Regulation
8V≦VIN≦14V, ILoad=10mA
0.1
%/V
Buck2 Load Regulation
VIN=12V, 1mA≦ILoad≦1A
0.1
%/A
Buck2 Under Voltage Threshold
VBKO2 Falling
70
75
80
%
Buck3 Converter (HAVDD)
Buck3 Output Voltage Range
VBK3
Programmable Step 0.1V
4.8
11.1
V
Regulation Voltage Tolerance
ILoad=10mA
-1
+1
%
H-Side NMOS On Resistance
RDS_BK3H
ILX=0.5A
200
mΩ
L-Side NMOS On Resistance
RDS_BK3L
ILX=0.5A
200
mΩ
Buck3 Current Limit
ILimit_BK3
1.7
2.0
3.5
A
Buck3 Line Regulation
8V≦VIN≦14V, ILoad=10mA
0.1
%/V
Buck3 Load Regulation
VIN=12V, 1mA≦ILoad≦1A
0.1
%/A
Buck3 Over Voltage Threshold
VOVP_BK3
VBKO3 Rising
115
120
125
%
Buck3 Under Voltage Threshold
VUVP_BK3
VBKO3 Falling
75
80
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com