Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 23 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 23 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 20Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 21Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 22Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 23Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 24Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 23 of 24
LP6288
Version 0.1 JAN.-2018
Application Information (Continued)
Set GPM Stop Level Voltage (Register Address – 0AH)
VGPM Voltage
Addr: 0AH
Default Value : VGHM (Register)=0x03H, VGPM=15V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R
R
R/W
R/W
0
0
0
0
0
0
VGPM [1]
VGPM [0]
VGPM [3:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
00
0
01
5
10
10
11
15
Set VGL Output Voltage (Register Address – 0BH)
VGL Voltage
Addr: 0BH
Default Value : VGL (Register)=0x08H, VGL=-10.3V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R/W
R/W
R/W
R/W
0
0
0
0
VGL [3]
VGL [2]
VGL [1]
VGL [0]
VGL [3:0]
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
Register
Volt (V)
0000
-5.5
0100
-7.9
1000
-10.3
1100
-12.7
0001
-6.1
0101
-8.5
1001
-10.9
1101
-13.3
0010
-6.7
0110
-9.1
1010
-11.5
1110
-13.9
0011
-7.3
0111
-9.7
1011
-12.1
1111
-14.5
Set Gate Function (Register Address – 20H)
Gate Function Select
Addr: 20H
Default Value : Gate (Register)=0x00H, Use Internal MOS
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R
R
R
R/W
0
0
0
0
0
0
0
Gate [0]
Gate Output [0]
Register
Bit Description
0
Use internal power MOS.
1
Disable internal power MOS. Enable GATE and CS Pin function.
Control Register Function (Register Address – FFH)
Control Function Select
Addr: FFH
Default Value : Ctrl (Register)=0x00H, Read data from DAC register
D7
D6
D5
D4
D3
D2
D1
D0
W
R
R
R
R
R
R
R/W
Ctrl [7]
0
0
0
0
0
0
Ctrl [0]
Write EEPROM Function [7]
Register
Bit Description
0
Read back value.
1
Write register value to EEPROM.
Read Data Information from Register or EEPROM Select [0]
Register
Bit Description
0
Read data from register.
1
Read data from EEPROM..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com