Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6288 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 24
LP6288
Version 0.1 JAN.-2018
Pin Configuration
BKI1
1
2
3
PGND
41
4
5
6
11 12 13 14 15 16
25
26
27
28
30
29
35
36
37
38
39
40
7
8
9
10
17 18 19 20
31
32
33
34
21
22
24
23
BKI1
RST
SDA
SCL
Addr
HVS
VLI
AGND
COMP
BKO3
PGND
BKLX3
BST3
BKI3
DRN
VGHM
VGH
DRVP
DRVN
Figure 3. QFN-40 Package (6mm x 6mm) Top View
Function Block Diagram
LX1
Boost
HVS
PGND
COMP
Switch
SWI
SWO
Control
Logic
GPM
Control
DRN
VGHM
GVOFF
Positive
Regulator
Negative
Regulator
VGL
DRVN
VGH
NTC
DRVP
AGND
OTP
Sync
Buck1
Internal
Regulator
VLI
BKI1
PGND
BKLX1
BST1
VL
Sync
Buck3
BKI3
PGND
BKLX3
BST3
Sync
Buck2
BKI2
PGND
BKLX2
IIC
Interface
UVLO
SDA
SCL
Addr
BKO1
BKO2
BKO3
EN
DAC
EEPROM
CS
RST
GATE
Figure 4. Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com