Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6288 Datasheet(PDF) 19 Page - Lowpower Semiconductor inc

Part # LP6288
Description  Multi-Channel DC-DC Converter for LCD Panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6288 Datasheet(HTML) 19 Page - Lowpower Semiconductor inc

Back Button LP6288 Datasheet HTML 15Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 16Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 17Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 18Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 19Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 20Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 21Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 22Page - Lowpower Semiconductor inc LP6288 Datasheet HTML 23Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Preliminary Datasheet
LP6288
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 19 of 24
LP6288
Version 0.1 JAN.-2018
Application Information (Continued)
4. IIC REGISTER MAP
The lowest bit number (0) represents the least bit, the highest bit number (7) represents the most bit, and R/W
indicates whether the bit is read only (R), write only (W), or both read and write (R/W).
Block
Parameter
Symbol
Address
Range
Resolution
EEPROM
Factory Value
BIT(Step)
Channel
Disable Channel Output
Dis_CH
00H
00H
-
3FH
--
00H
6bits
Boost
Boost Output Voltage
BST_O
01H
00H
-
3FH
(13.5V
-
19.8V)
0.1V
21H
(16.8V)
6bits
(64 Steps)
HVS Voltage
BST_HVS
02H
00H
-
0FH
(0V
-
3V)
0.2V
08H
(1.6V)
4bits
(16 Steps)
Current Limit
BST_ILIM
03H
00H
-
07H
(0A
-
2.8A)
0.4A
04H
(1.6A)
3bits
(8 Steps)
Soft Start Time
BST_SST
04H
00H
-
01H
(10ms
-
20ms)
10ms
00H
(10ms)
1bit
(2 Steps)
Buck
Buck1 Output Voltage
BKO1
05H
00H
-
0FH
(2.2V
-
3.7V)
0.1V
0BH
(3.3V)
4bits
(16 Steps)
Buck2 Output Voltage
BKO2
06H
00H
-
19H
(0.8V
-
3.3V)
0.1V
04H
(1.2V)
5bits
(32 Steps)
Buck3 Output Voltage
BKO3
07H
00H
-
3FH
(4.8V
-
11.1V)
0.1V
21H
(8.1V)
6bits
(64 Steps)
VGH
VGH Output Voltage
VGH_L
08H
00H
-
0FH
(20V
-
35V)
1V
08H
(28V)
4bits
(16 Steps)
VGH Output Offset
VGH_H
09H
00H
-
0FH
(0V
-
15V)
1V
08H
(8V)
4bits
(16 Steps)
GPM Stop Level
VGPM
0AH
00H
-
03H
(0V
-
15V)
5V
03H
(15V)
2bits
(4 Steps)
VGL
VGL Output Voltage
VGL
0BH
00H
-
0FH
(-5.5V
-
-14.5V)
0.6V
08H
(-10.3V)
4bits
(16 Steps)
Sel_Gate
Select Gate Function
Gate
20H
00H - 01H
--
00H
(Disable)
1bit
Memory
Write Remain Time
MRT
FEH
0FH(Fixed)
--
0FH
4bits
Control
Control Register
Ctrl_Reg
FFH
00H-81H
--
00H
8bits
Set Channel Output (Register Address – 00H)
Disable Channel Output
Addr: 00H
Default Value : Dis_ CH (Register)=0x00H, All Channel Enable.
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R/W
R/W
R/W
R/W
R/W
R/W
0
0
BK2
BK3
VGH
VGL
VGHM
NTC
Disable Channel Output
Register
Bit Description
0
Enable Channel Output
1
Disable Channel Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com